Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 57 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 57 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 53Page - PADAUK Technology. PFS172 Datasheet HTML 54Page - PADAUK Technology. PFS172 Datasheet HTML 55Page - PADAUK Technology. PFS172 Datasheet HTML 56Page - PADAUK Technology. PFS172 Datasheet HTML 57Page - PADAUK Technology. PFS172 Datasheet HTML 58Page - PADAUK Technology. PFS172 Datasheet HTML 59Page - PADAUK Technology. PFS172 Datasheet HTML 60Page - PADAUK Technology. PFS172 Datasheet HTML 61Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 57 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
All the IO pins have the same structure. The corresponding bits in registers padier / pbdier should be set to
low to prevent leakage current for those pins are selected to be analog function. When PFS172 is put in
power-down or power-save mode, every pin can be used to wake-up system by toggling its state. Therefore,
those pins needed to wake-up system must be set to input mode and set the corresponding bits of registers
pxdier to high. The same reason, padier.0 should be set high when PA0 is used as external interrupt pin,
and so for other external interrupt pins: PB0, PA4 and PB5.
5.12 Reset and LVR
5.12.1 Reset
There are many causes to reset the PFS172, once reset is asserted, most of all the registers in PFS172
will be set to default values, system should be restarted once abnormal cases happen, or by jumping
program counter to address 0x0. The data memory is in uncertain state when reset comes from power-up
and LVR; however, the content will be kept when reset comes from PRSTB pin or WDT timeout.
5.12.2 LVR reset
By code option, there are many different levels of LVR for reset. Usually, user selects LVR reset level to be
in conjunction with operating frequency and supply voltage.
5.13 Analog-to-Digital Conversion (ADC) module
Fig. 18: ADC Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com