Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 89 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 89 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 84Page - PADAUK Technology. PFS172 Datasheet HTML 85Page - PADAUK Technology. PFS172 Datasheet HTML 86Page - PADAUK Technology. PFS172 Datasheet HTML 87Page - PADAUK Technology. PFS172 Datasheet HTML 88Page - PADAUK Technology. PFS172 Datasheet HTML 89Page - PADAUK Technology. PFS172 Datasheet HTML 90Page - PADAUK Technology. PFS172 Datasheet HTML 91Page - PADAUK Technology. PFS172 Datasheet HTML 92Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 89 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 89 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
9.2.5. TIMER time out
When select $ INTEGS
BIT_R (default value) and T16M counter BIT8 to generate interrupt, if T16M counts
from 0, the first interrupt will occur when the counter reaches to 0x100 (BIT8 from 0 to 1) and the second
interrupt will occur when the counter reaches 0x300 (BIT8 from 0 to 1). Therefore, selecting BIT8 as 1 to
generate interrupt means that the interrupt occurs every 512 counts. Please notice that if T16M counter is
restarted, the next interrupt will occur once Bit8 turns from 0 to 1.
If select $ INTEGS
BIT_F(BIT triggers from 1 to 0) and T16M counter BIT8 to generate interrupt, the T16M
counter changes to an interrupt every 0x200/0x400/0x600/. Please pay attention to two differences with
setting INTEGS methods.
9.2.6.
IHRC
(1) The IHRC frequency calibration is performed when IC is programmed by the writer.
(2) Because the characteristic of the Epoxy Molding Compound (EMC) would some degrees affects the
IHRC frequency (either for package or COB), if the calibration is done before molding process, the actual
IHRC frequency after molding may be deviated or becomes out of spec. Normally , the frequency is
getting slower a bit.
(3) It usually happens in COB package or Quick Turnover Programming (QTP). And PADAUK would not
take any responsibility for this situation.
(4) Users can make some compensatory adjustments according to their own experiences. For example,
users can set IHRC frequency to be 0.5% ~ 1% higher and aim to get better re-targeting after molding.
9.2.7.
LVR
User can set MISC.2 as “1” to disable LVR. However, VDD must be kept as exceeding the lowest working
voltage of chip; Otherwise IC may work abnormally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com