Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 1 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 1 Page - PADAUK Technology.

  PFS172 Datasheet HTML 1Page - PADAUK Technology. PFS172 Datasheet HTML 2Page - PADAUK Technology. PFS172 Datasheet HTML 3Page - PADAUK Technology. PFS172 Datasheet HTML 4Page - PADAUK Technology. PFS172 Datasheet HTML 5Page - PADAUK Technology. PFS172 Datasheet HTML 6Page - PADAUK Technology. PFS172 Datasheet HTML 7Page - PADAUK Technology. PFS172 Datasheet HTML 8Page - PADAUK Technology. PFS172 Datasheet HTML 9Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
©Copyright 2020, PADAUK Technology Co. Ltd
Page 1 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
PFS172
8bit MTP Type MCU with 8-bit ADC
Data Sheet
Version 0.01
May 8, 2020
Copyright
 2020 by PADAUK Technology Co., Ltd., all rights reserved.
6F-6, No.1, Sec. 3, Gongdao 5th Rd., Hsinchu City 30069, Taiwan, R.O.C.
TEL: 886-3-572-8688
 www.padauk.com.tw


Similar Part No. - PFS172

ManufacturerPart #DatasheetDescription
logo
PADAUK Technology.
PFS173 PADAUK-PFS173 Datasheet
2Mb / 105P
8bit MTP Type MCU with 8-bit ADC
PFS173-1J16A PADAUK-PFS173-1J16A Datasheet
2Mb / 105P
8bit MTP Type MCU with 8-bit ADC
PFS173-D16 PADAUK-PFS173-D16 Datasheet
2Mb / 105P
8bit MTP Type MCU with 8-bit ADC
PFS173-H20 PADAUK-PFS173-H20 Datasheet
2Mb / 105P
8bit MTP Type MCU with 8-bit ADC
PFS173-M10 PADAUK-PFS173-M10 Datasheet
2Mb / 105P
8bit MTP Type MCU with 8-bit ADC
More results

Similar Description - PFS172

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT48E50 HOLTEK-HT48E50 Datasheet
303Kb / 46P
I/O Type 8-Bit MTP MCU With EEPROM
September 29, 2004
HT48E70 HOLTEK-HT48E70 Datasheet
315Kb / 44P
I/O Type 8-Bit MTP MCU With EEPROM
September 16, 2005
HT48E30 HOLTEK-HT48E30 Datasheet
314Kb / 43P
I/O Type 8-Bit MTP MCU With EEPROM
March 3, 2006
HT48E10_0610 HOLTEK-HT48E10_0610 Datasheet
304Kb / 42P
I/O Type 8-Bit MTP MCU With EEPROM
October 31, 2006
logo
PADAUK Technology.
PFS122 PADAUK-PFS122 Datasheet
1Mb / 93P
8bit MTP Type MCU with 12-bit R-Type ADC
PFS123 PADAUK-PFS123 Datasheet
2Mb / 104P
8bit MTP Type MCU with 12-bit R-Type ADC
PFS173 PADAUK-PFS173 Datasheet
2Mb / 105P
8bit MTP Type MCU with 8-bit ADC
PMS132 PADAUK-PMS132 Datasheet
1Mb / 100P
8bit OTP MCU with 12-bit ADC
PMS133 PADAUK-PMS133 Datasheet
2Mb / 106P
8bit OTP MCU with 12-bit ADC
PMS171B PADAUK-PMS171B Datasheet
2Mb / 92P
8bit OTP MCU with 8-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com