Electronic Components Datasheet Search
  English  ▼

X  

PFS172 Datasheet(PDF) 66 Page - PADAUK Technology.

Part # PFS172
Description  8bit MTP Type MCU with 8-bit ADC
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS172 Datasheet(HTML) 66 Page - PADAUK Technology.

Back Button PFS172 Datasheet HTML 62Page - PADAUK Technology. PFS172 Datasheet HTML 63Page - PADAUK Technology. PFS172 Datasheet HTML 64Page - PADAUK Technology. PFS172 Datasheet HTML 65Page - PADAUK Technology. PFS172 Datasheet HTML 66Page - PADAUK Technology. PFS172 Datasheet HTML 67Page - PADAUK Technology. PFS172 Datasheet HTML 68Page - PADAUK Technology. PFS172 Datasheet HTML 69Page - PADAUK Technology. PFS172 Datasheet HTML 70Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 92 page
background image
PFS172
8bit MTP MCU with 8-bit ADC
©Copyright 2020, PADAUK Technology Co. Ltd
Page 66 of 92
PDK-DS-PFS172-EN_V000-May 8, 2020
6.20. ADC Mode Register (adcm), IO address = 0x21
Bit
Reset
R/W
Description
7 - 4
-
-
Reserved. (keep 0 for future compatibility)
3 - 1
000
R/W
ADC clock source selection.
000: CLK (system clock) ÷ 1,
001: CLK (system clock) ÷ 2,
010: CLK (system clock) ÷ 4,
011: CLK (system clock) ÷ 8,
100: CLK (system clock) ÷ 16,
101: CLK (system clock) ÷ 32,
110: CLK (system clock) ÷ 64,
111: CLK (system clock) ÷ 128,
0
-
-
Reserved.
6.21. ADC Result Register (adcr), IO address = 0x22
Bit
Reset
R/W
Description
7 - 0
-
RO
These eight read-only bits are the AD conversion result.
6.22. MISC Register (misc), IO address = 0x26
Bit
Reset
R/W
Description
7 - 6
-
-
Reserved. (keep 0 for future compatibility)
5
0
WO
Enable fast Wake up. Fast wake-up is NOT supported when EOSC is enabled.
0: Normal wake up. The wake-up time is 3000 ILRC clocks (Not for fast boot-up)
1: Fast wake up. The wake-up time is 45 ILRC clocks.
4
-
-
Reserved.
3
-
-
Reserved.
2
0
WO
Disable LVR function. 0 / 1 : Enable / Disable
1 - 0
00
WO
Watch dog time out period
00: 8k ILRC clock period
01: 16k ILRC clock period
10: 64k ILRC clock period
11: 256k ILRC clock period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com