Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 32 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD4115 Datasheet HTML 28Page - Analog Devices AD4115 Datasheet HTML 29Page - Analog Devices AD4115 Datasheet HTML 30Page - Analog Devices AD4115 Datasheet HTML 31Page - Analog Devices AD4115 Datasheet HTML 32Page - Analog Devices AD4115 Datasheet HTML 33Page - Analog Devices AD4115 Datasheet HTML 34Page - Analog Devices AD4115 Datasheet HTML 35Page - Analog Devices AD4115 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 32 of 51
DIGITAL INTERFACE
The programmable functions of the AD4115 are accessible via
the SPI. The serial interface consists of four signals: CS, DIN,
SCLK, and DOUT/RDY. The DIN line transfers data into the
on-chip registers. The DOUT output accesses data from the on-
chip registers. SCLK is the serial clock input for the device. All
data transfers (either on DIN or on DOUT) occur with respect to
the SCLK signal.
The DOUT/RDY pin also functions as a data ready signal
where the line goes low if CS is low when a new data-word is
available in the data register. The pin resets high when a read
operation from the data register is complete. The RDY output
also goes high before updating the data register to indicate
when not to read from the device to ensure that a data read is not
attempted while the register is updated. Take care to avoid
reading from the data register when the RDY signal is about to
go low. To ensure that no data read occurs, always monitor the
RDY output. Start reading the data register as soon as RDY
goes low and ensure a sufficient SCLK rate such that the read is
completed before the next conversion result. CS is used to select a
device and can be used to decode the AD4115 in systems where
several components are connected to the serial bus.
The timing diagrams in Figure 2 and Figure 3 show interfacing
to the AD4115 using CS to decode the device. Figure 2 shows
the timing for a read operation from the AD4115, and Figure 3
shows the timing for a write operation to the AD4115. The user
can read from the data register several times even though the RDY
output returns high after the first read operation. Ensure that
the read operations are complete before the next output update
occurs. In continuous read mode, the data register can be read
only once.
To operate the serial interface in 3-wire mode, tie CS low. In
this case, the SCLK, DIN, and DOUT/RDY lines are used to
communicate with the AD4115. The end of the conversion can
also be monitored using the RDY bit in the status register.
To reset the serial interface, write 64 serial clocks with CS = 0
and DIN = 1. A reset returns the interface to the state in which the
interface expects a write to the communications register. This
operation resets the contents of all registers to the power-on values.
Following a reset, wait 500 µs before addressing the serial interface.
CHECKSUM PROTECTION
The AD4115 has a checksum mode that can be used to improve
interface robustness. Use the checksum to ensure that only valid
data is written to a register and to allow the data read from a
register to be validated. If an error occurs during a register
write, the CRC_ERROR bit is set in the status register. To
ensure that the register write is complete, read back the register
and verify the checksum.
For CRC checksum calculations during a write operation, the
following polynomial is always used:
x8 + x2 + x + 1
During read operations, the user can select between this
polynomial and a similar exclusive OR (XOR) function. The
XOR function requires less time to process on the host
microcontroller than the polynomial-based checksum. The
CRC_EN bits in the interface mode register enable and disable
the checksum and allow the user to select between the
polynomial checksum and the simple XOR checksum.
The checksum is appended to the end of each read and write
transaction. The checksum calculation for the write transaction
is calculated using the 8-bit command word and the 8-bit to
24-bit data. For a read transaction, the checksum is calculated
using the command word and the 8-bit to 32-bit data output.
Figure 21 and Figure 22 show SPI write and read transactions,
respectively.
If checksum protection is enabled when continuous read mode
is active, an implied read data command of 0x44 occurs before
each data transmission, which must be accounted for when
calculating the checksum value. The checksum protection ensures
a nonzero checksum value even if the ADC data equals 0x000000.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com