Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 1 Page - Analog Devices

  AD4115 Datasheet HTML 1Page - Analog Devices AD4115 Datasheet HTML 2Page - Analog Devices AD4115 Datasheet HTML 3Page - Analog Devices AD4115 Datasheet HTML 4Page - Analog Devices AD4115 Datasheet HTML 5Page - Analog Devices AD4115 Datasheet HTML 6Page - Analog Devices AD4115 Datasheet HTML 7Page - Analog Devices AD4115 Datasheet HTML 8Page - Analog Devices AD4115 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
Single-Supply, Multichannel, 125 kSPS,
24-Bit, Sigma-Delta ADC with ±10 V Inputs
Data Sheet
AD4115
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
24-bit ADC with integrated AFE
Fast and flexible output rate: 2.5 SPS to 125 kSPS
Channel scan data rate of 24,845 SPS per channel
(40.25 µs settling)
85 dB common mode rejection of 50 Hz and 60 Hz at
20 SPS per channel
±10 V inputs, either 8 differential or 16 single-ended
VIN pin absolute maximum rating ±65 V
Absolute input pin voltage up to ±20 V
Minimum 1 MΩ impedance
On-chip 2.5 V reference
±0.12% initial accuracy at 25°C, ±5 ppm/°C (typical) drift
Internal or external clock
Power supplies
AVDD = 4.5 V to 5.5 V
IOVDD = 2 V to 5.5 V
Total current consumption AVDD + IOVDD (IDD) = 10.4 mA
Temperature range: −40°C to +105°C
3-wire or 4-wire serial digital interface (Schmitt trigger on SCLK)
SPI, QSPI, MICROWIRE, and DSP compatible
APPLICATIONS
Process control
Programmable logic controller (PLC) and distributed control
system (DCS) modules
Instrumentation and measurement
GENERAL DESCRIPTION
The AD4115 is a low power, low noise, 24-bit, sigma-delta (Σ-Δ)
analog-to-digital converter (ADC) that integrates an analog
front end (AFE) for fully differential or single-ended, high
impedance (≥1 MΩ), bipolar, ±10 V voltage inputs.
The AD4115 integrates key analog and digital signal
conditioning blocks to configure eight individual setups for
each analog input channel in use. The AD4115 features a
maximum channel scan rate of 24,845 kSPS (40.25 µs) for fully
settled data.
The embedded 2.5 V, low drift (±5 ppm/°C), band gap internal
reference (with output reference buffer) reduces the external
component count.
The digital filter allows flexible settings, including simultaneous
50 Hz and 60 Hz rejection at a 27.27 SPS output data rate. The
user can select different filter settings depending on the
requirements of each channel in the application. The automatic
channel sequencer enables the ADC to switch through each
enabled channel.
The precision performance of the AD4115 is achieved by
integrating the proprietary iPassives® technology from Analog
Devices, Inc. The AD4115 is factory calibrated to achieve a high
degree of specified accuracy.
The AD4115 operates with a single power supply that allows
simplified use in galvanically isolated applications. The specified
operating temperature range is −40°C to +105°C. The AD4115
is housed in a 40-lead, 6 mm × 6 mm LFCSP.


Similar Part No. - AD4115

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4110-1 AD-AD4110-1 Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4110-1BCPZ AD-AD4110-1BCPZ Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4110-1BCPZ-RL AD-AD4110-1BCPZ-RL Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4110-1BCPZ-RL7 AD-AD4110-1BCPZ-RL7 Datasheet
1Mb / 74P
Universal Input Analog Front End 24-Bit ADC Industrial Process Control Systems
3/2019-Revision 0
AD4111 AD-AD4111 Datasheet
1Mb / 59P
Single Supply, 24-Bit, Sigma-Delta ADC
2/2019-Rev. 0 to Rev. A
More results

Similar Description - AD4115

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7764 AD-AD7764_15 Datasheet
1Mb / 33P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
REV. A
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
logo
List of Unclassifed Man...
PXIE-9529 ETC2-PXIE-9529 Datasheet
199Kb / 1P
24-Bit Sigma-Delta ADC
logo
Analog Devices
AD7764 AD-AD7764_17 Datasheet
920Kb / 34P
24-Bit, 312 kSPS, 109 dB Sigma-Delta ADC
29-Mar-2017
AD4111 AD-AD4111 Datasheet
1Mb / 59P
Single Supply, 24-Bit, Sigma-Delta ADC
2/2019-Rev. 0 to Rev. A
AD4112 AD-AD4112 Datasheet
1,009Kb / 58P
Single Supply, 24-Bit, Sigma-Delta ADC
2/2019-Rev. 0 to Rev. A
AD4114 AD-AD4114 Datasheet
549Kb / 49P
Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
7/2020-Revision 0
logo
Maxim Integrated Produc...
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Texas Instruments
ADS125H01 TI-ADS125H01_V01 Datasheet
3Mb / 70P
ADS125H01 짹20-V Input, 40-kSPS, 24-Bit, Delta-Sigma ADC
logo
Analog Devices
AD4116 AD-AD4116 Datasheet
1Mb / 59P
Single Supply, 24-Bit, Sigma-Delta ADC with 짹10 V, 10 M廓 Inputs and Buffered Low Level Inputs
12/2021-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com