Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 9 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD4115 Datasheet HTML 5Page - Analog Devices AD4115 Datasheet HTML 6Page - Analog Devices AD4115 Datasheet HTML 7Page - Analog Devices AD4115 Datasheet HTML 8Page - Analog Devices AD4115 Datasheet HTML 9Page - Analog Devices AD4115 Datasheet HTML 10Page - Analog Devices AD4115 Datasheet HTML 11Page - Analog Devices AD4115 Datasheet HTML 12Page - Analog Devices AD4115 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 9 of 51
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
VINCOM
2
VIN0
3
VIN1
4
VIN2
5
VIN3
6
REFOUT
7
REGCAPA
NOTES
1. DNC = DO NOT CONNECT. DO NOT CONNECT ANYTHING TO DNC.
DNC IS INTERNALLY CONNECTED TO AVSS.
2. EXPOSED PAD. SOLDER THE EXPOSED PAD TO A SIMILAR PAD ON
THE PCB THAT IS UNDER THE EXPOSED PAD TO CONFER MECHANICAL
STRENGTH TO THE PACKAGE AND FOR HEAT DISSIPATION. THE EXPOSED
PAD MUST BE CONNECTED TO AVSS THROUGH THIS PAD ON THE PCB.
8
AVSS
9
AVDD
10
DNC
23 GPIO0
24 GPIO1
25 GPO2
26 VIN4
27 VIN5
28 VIN6
29 VIN7
30 VIN8
22 REGCAPD
21 DGND
TOP VIEW
(Not to Scale)
AD4115
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic1
Type2
Description
1
VINCOM
AI
Voltage Input Common. Voltage inputs are referenced to VINCOM when the inputs are configured as
single-ended. Connect VINCOM to analog ground.
2
VIN0
AI
Voltage Input 0. VIN0 is either referenced to VINCOM in single-ended configuration or referenced to a
positive input of an input pair with VIN1 in differential configuration.
3
VIN1
AI
Voltage Input 1. VIN1 is either referenced to VINCOM in single-ended configuration or referenced to a
negative input of an input pair with VIN0 in differential configuration.
4
VIN2
AI
Voltage Input 2. VIN2 is either referenced to VINCOM in single-ended configuration or referenced to a
positive input of an input pair with VIN3 in differential configuration.
5
VIN3
AI
Voltage Input 3. VIN3 is either referenced to VINCOM in single-ended configuration or referenced to a
negative input of an input pair with VIN2 in differential configuration.
6
REFOUT
AO
Internal Reference Buffered Output. The output is 2.5 V with respect to AVSS. Decouple REFOUT to AVSS
using a 0.1 µF capacitor.
7
REGCAPA
AO
Analog Low Dropout (LDO) Regulator Output. Decouple REGCAPA to AVSS using a 1 µF capacitor and a
0.1 µF capacitor.
8
AVSS
P
Negative Analog Supply. AVSS ranges from −2.75 V to 0 V and is nominally set to 0 V.
9
AVDD
P
Analog Supply Voltage. AVDD ranges from 3.0 V to 5.5 V with respect to AVSS.
10
DNC
N/A
Do Not Connect. Do not connect anything to DNC. DNC is internally connected to AVSS.
11
VBIAS−
AI
Voltage Bias Negative. VBIAS− sets the bias voltage for the voltage input AFE. Connect VBIAS− to AVSS.
12
XTAL1
AI
Input 1 for Crystal.
13
XTAL2/CLKIO
AI/DI
Input 2 for Crystal/Clock Input or Output. See the CLOCKSEL bit settings in the ADC Mode Register
section for more information.
14
DOUT/RDY
DO
Serial Data Output/Data Ready Output. The DOUT/RDY dual-purpose pin functions as a serial data
output pin to access the output shift register on the ADC. The output shift register can contain data from
any on-chip data or control registers. The data-word or control word information is placed on the
DOUT/RDY pin on the SCLK falling edge and is valid on the SCLK rising edge. When CS is high, the
DOUT/RDY output is tristated. When CS is low, and a register is not being read, DOUT/RDY operates as a
data ready pin and goes low to indicate the completion of a conversion. If the data is not read after the
conversion, the pin goes high before the next update occurs. The DOUT/RDY falling edge can be used as
an interrupt to a processor that indicates that valid data is available.
15
DIN
DI
Serial Data Input to the Input Shift Register on the ADC. Data in the input shift register is transferred to
the control registers on the ADC, and the register address (RA) bits of the communications register
identify the appropriate register. Data is clocked in on the rising edge of SCLK.
16
SCLK
DI
Serial Clock Input. The SCLK serial clock input is used for data transfers to and from the ADC. SCLK has a
Schmitt triggered input.
17
CS
DI
Chip Select Input. CS is an active low logic input used to select the ADC. Use CS to select the ADC in
systems with more than one device on the serial bus. CS can be hardwired low to allow the ADC to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com