Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 11 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD4115 Datasheet HTML 7Page - Analog Devices AD4115 Datasheet HTML 8Page - Analog Devices AD4115 Datasheet HTML 9Page - Analog Devices AD4115 Datasheet HTML 10Page - Analog Devices AD4115 Datasheet HTML 11Page - Analog Devices AD4115 Datasheet HTML 12Page - Analog Devices AD4115 Datasheet HTML 13Page - Analog Devices AD4115 Datasheet HTML 14Page - Analog Devices AD4115 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 11 of 51
TYPICAL PERFORMANCE CHARACTERISTICS
8387974
8387965
8387966
8387967
8387968
8387969
8387970
8387971
8387972
8387973
0
200
400
600
800
1000
SAMPLE NUMBER
Figure 5. Noise (Output Data Rate = 2.5 SPS)
200
400
600
800
1000
8388000
8387930
8387940
8387950
8387960
8387970
8387980
8387990
0
SAMPLE NUMBER
Figure 6. Noise (Output Data Rate = 2.5 kSPS)
200
400
600
800
1000
8388050
8387750
8387800
8387850
8387900
8387950
8388000
0
SAMPLE NUMBER
Figure 7. Noise (Output Data Rate = 125 kSPS)
0
ADC CODE
350
50
100
150
200
250
300
Figure 8. Histogram (Output Data Rate = 2.5 SPS)
0
ADC CODE
60
10
20
30
40
50
Figure 9. Histogram (Output Data Rate = 2.5 kSPS)
0
ADC CODE
25
5
10
15
20
Figure 10. Histogram (Output Data Rate = 125 kSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com