Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 19 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD4115 Datasheet HTML 15Page - Analog Devices AD4115 Datasheet HTML 16Page - Analog Devices AD4115 Datasheet HTML 17Page - Analog Devices AD4115 Datasheet HTML 18Page - Analog Devices AD4115 Datasheet HTML 19Page - Analog Devices AD4115 Datasheet HTML 20Page - Analog Devices AD4115 Datasheet HTML 21Page - Analog Devices AD4115 Datasheet HTML 22Page - Analog Devices AD4115 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 19 of 51
Gain Registers
The gain registers are 24-bit, read and write registers that hold
the gain calibration coefficient for the ADC. The power-on reset
value of the gain registers is 0x5XXXX0.
Offset Registers
The offset registers are 24-bit, read and write registers that hold
the offset calibration coefficient for the ADC. The power-on
reset value of the offset registers is 0x800000.
ADC Mode and Interface Mode Configuration
The ADC mode register and the interface mode register configure
the core peripherals for the AD4115 to use, as well as the mode
for the digital interface.
ADC Mode Register
The ADC mode register primarily sets the ADC conversion
mode to either continuous or single conversion. The user can
also select the standby and power-down modes, as well as any
of the calibration modes. The ADC mode register also contains
the clock source select bits and internal reference enable bit. The
reference select bits are contained in the setup configuration
registers (see the Setup Configuration section for more
information). The details of the ADC mode register are shown in
Table 14.
Interface Mode Register
The interface mode register configures the digital interface
operation. This register allows the user to control data-word
length, CRC enable, data plus status read, and continuous read
mode. The details of this register are shown in Table 15. For
more information, see the Digital Interface section.
Table 14. ADC Mode Register
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x01
ADCMODE
[15:8]
REF_EN
Reserved
SING_CYC
Reserved
Delay
0x2000
R/W
[7:0]
Reserved
Mode
CLOCKSEL
Reserved
Table 15. Interface Mode Register
Register
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit
2
Bit 1
Bit 0
Reset
R/W
0x02
IFMODE
[15:8]
Reserved
ALT_
SYNC
IOSTRENGTH
Reserved
DOUT_RESET
0x0000
R/W
[7:0]
CONTREAD
DATA_
STAT
REG_
CHECK
Reserved
CRC_EN
Reserved
WL16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com