Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 15 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD4115 Datasheet HTML 11Page - Analog Devices AD4115 Datasheet HTML 12Page - Analog Devices AD4115 Datasheet HTML 13Page - Analog Devices AD4115 Datasheet HTML 14Page - Analog Devices AD4115 Datasheet HTML 15Page - Analog Devices AD4115 Datasheet HTML 16Page - Analog Devices AD4115 Datasheet HTML 17Page - Analog Devices AD4115 Datasheet HTML 18Page - Analog Devices AD4115 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 15 of 51
POWER SUPPLIES
The AD4115 has two independent power supply pins, AVDD
and IOVDD. The AD4115 has no specific requirements for a
power supply sequence. However, when all power supplies are
stable, a device reset is required. See the AD4115 Reset section
for information on how to reset the device.
AVDD powers the internal 1.8 V analog LDO regulator that
powers the ADC core. AVDD also powers the crosspoint
multiplexer and integrated input buffers. AVDD is referenced to
AVSS, and AVDD − AVSS = 5 V. AVDD and AVSS can be a
single 5 V supply or ±2.5 V split supplies. Consider the absolute
maximum ratings when using split supplies (see the Absolute
Maximum Ratings section).
IOVDD powers the internal 1.8 V digital LDO regulator that
powers the ADC digital logic. IOVDD sets the voltage levels for
the serial peripheral interface (SPI) of the ADC. IOVDD is
referenced to DGND, and the voltage from IOVDD to DGND can
vary from 2 V (minimum) to 5.5 V (maximum).
Single-Supply Operation (AVSS = DGND)
When the AD4115 is powered from a single supply connected
to AVDD, the supply must be 5 V. In this configuration, AVSS
and DGND can be shorted together on a single ground plane.
IOVDD can range from 2 V to 5.5 V in this unipolar input
configuration.
DIGITAL COMMUNICATION
The AD4115 has either a 3-wire or 4-wire SPI interface that is
compatible with QSPI™, MICROWIRE®, and digital signal
processors (DSPs). The interface operates in SPI Mode 3 and can
be operated with CS tied low. In SPI Mode 3, SCLK idles high, the
falling edge of SCLK is the drive edge, and the rising edge of
SCLK is the sample edge. Data is clocked out on the falling
(drive) edge and data is clocked in on the rising (sample) edge.
DRIVE EDGE
SAMPLE EDGE
Figure 20. SPI Mode 3 SCLK Edges
Accessing the ADC Register Map
The communications register controls access to the full ADC
register map. This register is an 8-bit, write only register. On
power-up or after a reset, the digital interface defaults to a state
where the interface expects a write to the communications
register. Therefore, all communication begins by writing to the
communications register.
The data written to the communications register determines
which register is accessed and if the next operation is a read or
write. The RA bits (Bits[5:0] in Register Address 0x00)
determine the specific register to which the read or write
operation applies (see Table 20).
When the read or write operation to the selected register is
complete, the interface returns to the default state to expect a
write operation to the communications register.
Figure 21 and Figure 22 show a write to and a read from a
register by writing the 8-bit command to the communications
register followed by the data for the addressed register.
Figure 21 shows an 8-bit command with the register address
followed by 8 bits, 16 bits, or 24 bits of data where the data
length on DIN depends on the selected register. Figure 22
shows an 8-bit command with the register address followed by
8 bits, 16 bits, 24 bits, or 32 bits of data where the data length
on DOUT depends on the selected register.
To verify correct communication with the device, read the ID
register. The ID register is a read only register and contains the
value of 0x38DX for the AD4115. The communication register
and ID register details are described in Table 7 and Table 8.
8-BIT COMMAND
8-BIT CRC
UP TO 24-BIT INPUT
CMD
DATA
CRC
CS
DIN
SCLK
Figure 21. Writing to a Register
8-BIT COMMAND
8-BIT CRC
UP TO 32-BIT OUTPUT
CMD
DATA
CRC
CS
DIN
SCLK
DOUT/
RDY
Figure 22. Reading from a Register
AD4115 RESET
When a power-up cycle completes and the power supplies are
stable, a device reset is required. If interface synchronization is
lost, a device reset is required. A write operation of at least 64 serial
clock cycles with DIN high returns the ADC to the default state
by resetting the entire device, including the register contents.
Alternatively, if CS is used with the digital interface, returning CS
high sets the digital interface to the default state and halts any
serial interface operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com