Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 4 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 4 Page - Analog Devices

  AD4115 Datasheet HTML 1Page - Analog Devices AD4115 Datasheet HTML 2Page - Analog Devices AD4115 Datasheet HTML 3Page - Analog Devices AD4115 Datasheet HTML 4Page - Analog Devices AD4115 Datasheet HTML 5Page - Analog Devices AD4115 Datasheet HTML 6Page - Analog Devices AD4115 Datasheet HTML 7Page - Analog Devices AD4115 Datasheet HTML 8Page - Analog Devices AD4115 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 4 of 51
SPECIFICATIONS
AVDD = 4.5 V to 5.5 V, IOVDD = 2 V to 5.5 V, AVSS = 0 V, DGND = 0 V, VBIAS− = 0 V, REF+ = 2.5 V, REF− = AVSS, internal master
clock (MCLK) = 8 MHz, TA = TMIN to TMAX (−40°C to +105°C), unless otherwise noted. VREF is the reference voltage, FS is full scale, and
FSR is full-scale range.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE INPUTS
Differential Input Voltage Range1
Specified performance
−10
+10
V
Functional
−VREF × 10
+VREF × 10
V
Absolute Input Pin Voltage
−20
+20
V
Input Impedance
1
MΩ
Offset Error2
TA = 25°C
±1.5
mV
Offset Drift
±8
µV/°C
Gain Error
TA = 25°C
±0.05
% FS
Gain Drift
±1
ppm/°C
Integral Nonlinearity (INL)
±0.01
% FSR
Total Unadjusted Error (TUE)3
TA = 25°C, internal VREF
0.07
% FSR
0°C to 105°C, internal VREF
0.1
% FSR
−40°C to +105°C, internal VREF
0.12
% FSR
25°C, external VREF
0.07
% FSR
−40°C to +105°C, external VREF
0.08
% FSR
Power Supply Rejection Ratio (PSRR)
AVDD for input voltage (VIN) = 1 V
70
dB
Common-Mode Rejection Ratio
(CMRR)
VIN = 1 V
At DC
85
dB
At 50 Hz and 60 Hz
20 Hz output data rate (postfilter), 50 Hz ±
1 Hz and 60 Hz ± 1 Hz
120
dB
Normal Mode Rejection3
50 Hz ± 1 Hz and 60 Hz ± 1 Hz
Internal clock, 20 SPS ODR (postfilter)
71
90
dB
External clock, 20 SPS ODR (postfilter)
85
90
dB
Resolution
See Table 16 and Table 17
Noise
See Table 16 and Table 17
ADC SPEED AND PERFORMANCE
ADC Output Data Rate (ODR)
One channel, see Table 16
2.5
125,000
SPS
No Missing Codes3
Excluding sinc3 filter ≥ 62.5 kHz notch
24
Bits
INTERNAL REFERENCE
100 nF external capacitor to AVSS
Output Voltage
REFOUT with respect to AVSS
2.5
V
Initial Accuracy3, 4
REFOUT, TA = 25°C
−0.12
+0.12
%
Temperature Coefficient
±5
+12
ppm/°C
Reference Load Current (ILOAD)
−10
+10
mA
PSRR
AVDD (line regulation)
95
dB
Load Regulation (∆VOUT/∆ILOAD5)
32
ppm/mA
Voltage Noise (eN)
0.1 Hz to 10 Hz, 2.5 V reference
4.5
µV rms
Voltage Noise Density
1 kHz, 2.5 V reference
215
nV/√Hz
Turn On Settling Time
100 nF REFOUT capacitor
200
µs
Short-Circuit Current (ISC)
25
mA
EXTERNAL REFERENCE INPUTS
Differential Input Range
VREF = (REF+) − (REF−)
1
2.5
AVDD
V
Absolute Voltage Limits
Buffers Disabled
AVSS − 0.05
AVDD + 0.05
V
Buffers Enabled
AVSS
AVDD
V
External Reference Input Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com