Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 14 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD4115 Datasheet HTML 10Page - Analog Devices AD4115 Datasheet HTML 11Page - Analog Devices AD4115 Datasheet HTML 12Page - Analog Devices AD4115 Datasheet HTML 13Page - Analog Devices AD4115 Datasheet HTML 14Page - Analog Devices AD4115 Datasheet HTML 15Page - Analog Devices AD4115 Datasheet HTML 16Page - Analog Devices AD4115 Datasheet HTML 17Page - Analog Devices AD4115 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 14 of 51
THEORY OF OPERATION
The AD4115 offers a fast settling, high resolution, multiplexed
ADC with high levels of configurability, including the following
features:
•
Eight fully differential voltage inputs or 16 single-ended
voltage inputs.
•
High impedance voltage divider with integrated precision
matched resistors
•
Embedded proprietary iPassives® technology within a
small device footprint.
•
Per channel configurability where up to eight different
setups can be defined. A separate setup can be mapped to
each channel. Each setup allows the user to configure
whether the buffers are enabled or disabled, gain and offset
correction, filter type, ODR, and reference source selection.
•
Highly configurable digital filter enabling conversion rates
up to 125 kSPS on a single channel and 24.845 kSPS
switching.
The AD4115 includes a precision, 2.5 V, low drift (±5 ppm/°C),
band gap internal reference. Use this reference in ADC
conversions to reduce the external component count. When
enabled, the internal reference is output to the REFOUT pin.
The internal reference can be used as a low noise biasing
voltage for the external circuitry and must be connected to a
0.1 μF decoupling capacitor.
The AD4115 includes two separate linear regulator blocks for
the analog and digital circuitry. The analog LDO regulator
regulates the AVDD supply to 1.8 V.
The linear regulator for the digital IOVDD supply performs a
function similar to the LDO regulator and regulates the input
voltage applied at the IOVDD pin to 1.8 V. The serial interface
signals always operate from the IOVDD supply seen at the pin.
For example, if 3.3 V is applied to the IOVDD pin, the interface
logic inputs and outputs operate at this level.
The AD4115 is designed for a multitude of factory automation
and process control applications, including PLC and DCS
modules. The AD4115 reduces overall system cost and design
burden and maintains a high level of accuracy. The AD4115
offers the following system benefits:
•
A single 5 V power supply.
•
Guaranteed minimum 1 MΩ input impedance.
•
Overrange voltage greater than ±10 V.
•
Reduced calibration costs.
•
High channel count.
DGND
AD4115
IOVDD
CS
REGCAPD
AVSS
REGCAPA
AVDD
XTAL1
1
3
2
12
13
14
15
16
17
20
21
22
9
7
8
IOVDD
0.1µF
AVDD
0.1µF
CX1
16MHz
CX2
0.1µF
1µF
0.1µF
1µF
OPTIONAL EXTERNAL
CRYSTAL CIRCUITRY
CAPACITORS
CLKIN
OPTIONAL
EXTERNAL
CLOCK
INPUT
VIN0
VIN1
VINCOM
XTAL2/CLKIO
DOUT/RDY
DIN
SCLK
CS
DOUT/RDY
DIN
SCLK
11
VBIAS–
REFOUT 6
0.1µF
37
VIN15
Figure 19. Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com