Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 23 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD4115 Datasheet HTML 19Page - Analog Devices AD4115 Datasheet HTML 20Page - Analog Devices AD4115 Datasheet HTML 21Page - Analog Devices AD4115 Datasheet HTML 22Page - Analog Devices AD4115 Datasheet HTML 23Page - Analog Devices AD4115 Datasheet HTML 24Page - Analog Devices AD4115 Datasheet HTML 25Page - Analog Devices AD4115 Datasheet HTML 26Page - Analog Devices AD4115 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 23 of 51
ABSOLUTE INPUT PIN VOLTAGES
The AD4115 voltage input pins are specified for an accuracy of
±10 V, specifically for the differential voltage between any two
voltage input pins.
The voltage input pins have separate specifications for the
absolute voltage that can be applied, and the unique design of
the voltage divider network of the analog front end enables
overvoltage robustness on the AD4115, which means the
allowed overvoltages vary depending on the AVDD supply.
Figure 26 shows the different degrees of robustness that can be
achieved for AVDD = 5 V. Figure 26 provides a visual
representation and guidance on how an overvoltage on a
voltage pin can affect the overall device accuracy.
The guaranteed accuracy section of Figure 26 shows the voltage
range that can be applied to a voltage input pin and achieve
guaranteed accuracy.
The no loss of accuracy sections show the voltage levels that can
be applied without degrading the accuracy of other channels.
The no damage to device sections show the allowable positive
and negative voltages that can be applied to a voltage input pin
without exceeding the absolute maximum. The performance of
other channels is degraded, but the performance recovers when
the overvoltage is removed. This voltage range is specified as an
absolute maximum rating of ±65 V.
Operation beyond the maximum operating conditions for
extended periods can affect product reliability.
ABSOLUTE MAXIMUM RATING
ABSOLUTE MAXIMUM RATING
NO DAMAGE TO DEVICE
NO DAMAGE TO DEVICE
GUARANTEED ACCURACY
NO LOSS OF ACCURACY ON OTHER CHANNELS
NO LOSS OF ACCURACY ON OTHER CHANNELS
+65V
–65V
–25V
–20V
+20V
+30V
AVDD = 5V
Figure 26. Absolute Input Pin Voltages, AVDD = 5 V
DATA OUTPUT CODING
When the ADC is configured for unipolar operation, the output
code is natural (straight) binary with a zero differential input
voltage that results in a code of 00 … 00, a midscale voltage that
results in a code of 100 … 000, and a full-scale input voltage
that results in a code of 111 … 111.
The output code for any input voltage is represented with the
following equation:
Code = (2N × VIN × 0.1)/VREF
where:
N = 24 (the number of bits).
VIN is the input voltage.
VREF is the reference voltage.
When the ADC is configured for bipolar operation, the output
code is offset binary with a negative full-scale voltage that results in
a code of 000 … 000, a zero differential input voltage that results
in a code of 100 … 000, and a positive full-scale input voltage
that results in a code of 111 … 111. The output code for any
analog input voltage is represented with the following equation:
Code = 2N – 1 × ((VIN × 0.1/VREF) + 1)
AD4115 REFERENCE OPTIONS
The AD4115 provides the reference option of either supplying
an external reference to the REF+ and REF− device pins using
AVDD – AVSS as the reference, or allowing use of the internal
2.5 V, low noise, low drift reference. To select the reference
source to be used by the analog input, set the REF_SELx bits,
Bits[5:4], in the corresponding setup configuration register
appropriately. The structure of the Setup Configuration Register 0
is shown in Table 10. By default, the AD4115 uses an external
reference on power-up.
Internal Reference
The AD4115 includes a low noise, low drift, internal voltage
reference that has a 2.5 V output. The internal reference is
output on the REFOUT pin after the REF_EN bit in the ADC
mode register is set and is decoupled to AVSS with a 0.1 μF
capacitor. The AD4115 internal reference is disabled by default
on power-up.
External Reference
The AD4115 has a fully differential reference input applied
through the REF+ and REF− pins. Standard low noise, low drift
voltage references, such as the ADR4525, are recommended for
this use. Apply the external reference to the AD4115 reference
pins, as shown in Figure 27. Decouple the output of any external
reference to AVSS. As shown in Figure 27, the ADR4525 output
is decoupled with a 0.1 μF capacitor at the output for stability
purposes. The output is connected to a 4.7 μF capacitor that
acts as a reservoir for any dynamic charge required by the ADC
and is followed by another 0.1 μF decoupling capacitor at the
REF+ input. This capacitor is placed as close as possible to the
REF+ and REF− pins.
The REF− pin is connected directly to the AVSS potential. When
an external reference is used instead of the internal reference
to supply the AD4115, ensure that the REFOUT pin is not
hardwired to AVSS, which can draw a large current on power-
up. The internal reference is controlled by the REF_EN bit (Bit
15) in the ADC mode register, as shown in Table 14. If the
internal reference is not used elsewhere in the application,
ensure that the REF_EN bit is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com