Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 6 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD4115 Datasheet HTML 2Page - Analog Devices AD4115 Datasheet HTML 3Page - Analog Devices AD4115 Datasheet HTML 4Page - Analog Devices AD4115 Datasheet HTML 5Page - Analog Devices AD4115 Datasheet HTML 6Page - Analog Devices AD4115 Datasheet HTML 7Page - Analog Devices AD4115 Datasheet HTML 8Page - Analog Devices AD4115 Datasheet HTML 9Page - Analog Devices AD4115 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 6 of 51
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
AVDD to AVSS
4.5
5.5
V
AVSS to DGND
−2.75
0
V
IOVDD to DGND
2
5.5
V
IOVDD to AVSS
For AVSS < DGND
6.35
V
POWER SUPPLY CURRENTS6
All outputs unloaded, digital inputs
connected to IOVDD or DGND
Full Operating Mode
AVDD Current
Including internal reference
9.4
11.5
mA
IOVDD Current
Internal clock
1.4
1.8
mA
Standby Mode
All VIN = 0 V
210
µA
Power-Down Mode
All VIN = 0 V
185
µA
POWER DISSIPATION
Full Operating Mode
52
mW
Standby Mode
1
mW
Power-Down Mode
925
µW
1
The full specification is guaranteed for a differential input signal of ±10 V. The device is functional up to a differential input signal of ±VREF × 10. However, the specified
absolute pin voltage must not be exceeded for the proper function.
2
Following a system zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected.
3
Specification is not production tested but is supported by characterization data at the initial product release.
4
This specification includes moisture sensitivity level (MSL) preconditioning effects.
5
VOUT is the output voltage.
6
This specification is with no load on the REFOUT pin and the digital output pins.
TIMING CHARACTERISTICS
IOVDD = 2 V to 5.5 V, DGND = 0 V, Input Logic 0 = 0 V, Input Logic 1 = IOVDD, capacitive load (CLOAD) = 20 pF, unless otherwise noted.
Table 2.
Parameter1, 2
Limit at TMIN or TMAX
Unit
Test Conditions/Comments
SCLK
t3
25
ns min
SCLK high pulse width
t4
25
ns min
SCLK low pulse width
READ OPERATION
t1
0
ns min
CS falling edge to DOUT/RDY active time
15
ns max
IOVDD = 4.75 V to 5.5 V
40
ns max
IOVDD = 2 V to 3.6 V
t23
0
ns min
SCLK active edge to data valid delay4
12.5
ns max
IOVDD = 4.75 V to 5.5 V
25
ns max
IOVDD = 2 V to 3.6 V
t55
2.5
ns min
Bus relinquish time after CS inactive edge
20
ns max
t6
0
ns min
SCLK inactive edge to CS inactive edge
t7
10
ns min
SCLK inactive edge to DOUT/RDY high/low
WRITE OPERATION
t8
0
ns min
CS falling edge to SCLK active edge setup time4
t9
8
ns min
Data valid to SCLK edge setup time
t10
8
ns min
Data valid to SCLK edge hold time
t11
5
ns min
CS rising edge to SCLK edge hold time
1
Sample tested during initial release to ensure compliance.
2
See Figure 2 and Figure 3.
3
This parameter is defined as the time required for the output to cross the VOL or VOH limit.
4
The SCLK active edge is the falling edge of SCLK.
5
DOUT/RDY returns high after a data register read. In single conversion mode and continuous conversion mode, the same data can be read again, if required, while
DOUT/RDY is high. Ensure that subsequent reads do not occur close to the next output update. If the continuous read feature is enabled, the digital word can be read
only once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com