Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 5 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 5 Page - Analog Devices

  AD4115 Datasheet HTML 1Page - Analog Devices AD4115 Datasheet HTML 2Page - Analog Devices AD4115 Datasheet HTML 3Page - Analog Devices AD4115 Datasheet HTML 4Page - Analog Devices AD4115 Datasheet HTML 5Page - Analog Devices AD4115 Datasheet HTML 6Page - Analog Devices AD4115 Datasheet HTML 7Page - Analog Devices AD4115 Datasheet HTML 8Page - Analog Devices AD4115 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 5 of 51
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Buffers Disabled
Input Current
±36
µA/V
Input Current Drift
External clock
±1.2
nA/V/°C
Internal clock
±3
nA/V/°C
Buffers Enabled
Input Current
±400
nA
Input Current Drift
0.6
nA/°C
Normal Mode Rejection
CMRR
95
dB
TEMPERATURE SENSOR
Accuracy
After user calibration at 25°C
±2
°C
Sensitivity
477
µV/K
GENERAL-PURPOSE OUTPUTS
(GPIO0, GPIO1, GPO2, GPO3)
With respect to AVSS
Floating State Output Capacitance
5
pF
Output Voltage3
High (VOH)
Source current (ISOURCE) = 200 µA
AVDD − 1
V
Low (VOL)
Sink current (ISINK) = 800 µA
AVSS + 0.4
V
CLOCK
Internal Clock
Frequency
8
MHz
Accuracy
−2.5%
+2.5%
%
Duty Cycle
50
%
Output Voltage
VOH
0.8 × IOVDD
V
VOL
0.4
V
Crystal
Frequency
14
16
16.384
MHz
Start-Up Time
10
µs
External Clock (CLKIO)
8
8.192
MHz
Duty Cycle
30
50
70
%
LOGIC INPUTS
Input Voltage3
High (VINH)
2 V ≤ IOVDD < 2.3 V
0.65 × IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7 × IOVDD
V
Low (VINL)
2 V ≤ IOVDD < 2.3 V
0.35 ×
IOVDD
V
2.3 V ≤ IOVDD ≤ 5.5 V
0.7
V
Hysteresis
IOVDD ≥ 2.7 V
0.08
0.25
V
IOVDD < 2.7 V
0.04
0.2
V
Leakage Current
−10
+10
µA
LOGIC OUTPUT (DOUT/RDY)
Output Voltage3
VOH
IOVDD ≥ 4.5 V, ISOURCE = 1 mA
0.8 × IOVDD
V
2.7 V ≤ IOVDD < 4.5 V, ISOURCE = 500 µA
0.8 × IOVDD
V
IOVDD < 2.7 V, ISOURCE = 200 µA
0.8 × IOVDD
V
VOL
IOVDD ≥ 4.5 V, ISINK = 2 mA
0.4
V
2.7 V ≤ IOVDD < 4.5 V, ISINK = 1 mA
0.4
V
IOVDD < 2.7 V, ISINK = 400 µA
0.4
V
Leakage Current3
Floating state
−10
+10
µA
Output Capacitance
Floating state
10
pF
POWER REQUIREMENTS
Power Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com