Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 49 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD4115 Datasheet HTML 43Page - Analog Devices AD4115 Datasheet HTML 44Page - Analog Devices AD4115 Datasheet HTML 45Page - Analog Devices AD4115 Datasheet HTML 46Page - Analog Devices AD4115 Datasheet HTML 47Page - Analog Devices AD4115 Datasheet HTML 48Page - Analog Devices AD4115 Datasheet HTML 49Page - Analog Devices AD4115 Datasheet HTML 50Page - Analog Devices AD4115 Datasheet HTML 51Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 49 / 51 page
background image
Data Sheet
AD4115
Rev. 0 | Page 49 of 51
Bits
Bit Name
Settings
Description
Reset
Access
[9:8]
INBUFx
Input buffer. This bit enables or disables input buffers.
0x0
R/W
00
Disabled.
01
Reserved.
10
Reserved.
11
Enabled.
[7:6]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
[5:4]
REF_SELx
These bits allow the user to select the reference source for ADC conversion on
Setup 0.
0x0
R/W
00
External reference, REF±.
10
Internal 2.5 V reference, must be enabled via ADCMODE (see Table 22).
11
AVDD − AVSS.
[3:0]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
FILTER CONFIGURATION REGISTER 0 TO FILTER CONFIGURATION REGISTER 7
Address: 0x28 to 0x2F, Reset: 0x0500, Name: FILTCON0 to FILTCON7
The filter configuration registers are 16-bit registers that configure the ADC data rate and filter options. Writing to any of these registers resets
any active ADC conversion and restarts converting at the first channel in the sequence. The layout for FILTCON0 to FILTCON7 is identical.
Table 30. Bit Descriptions for FILTCON0 to FILTCON7
Bits
Bit Name
Settings
Description
Reset
Access
15
SINC3_MAPx
If this bit is set, the mapping of the filter register changes to directly
program the decimation rate of the sinc3 filter for Setup x. All other
options are eliminated. This bit allows fine tuning of the output data
rate and filter notch for rejection of specific frequencies. The data
rate when on a single channel equals fMOD/(32 × FILTCON0[14:0]).
0x0
R/W
[14:12]
Reserved
These bits are reserved. Set these bits to 0.
0x0
R
11
ENHFILTENx
This bit enables various postfilters for enhanced 50 Hz/60 Hz
rejection for Setup x. The ORDERx bits must be set to 00 to select the
sinc5 + sinc1 filter for this function to work.
0x0
R/W
0
Disabled.
1
Enabled.
[10:8]
ENHFILTx
These bits select between various postfilters for enhanced 50 Hz/
60 Hz rejection for Setup x.
0x5
R/W
010
27 SPS, 47 dB rejection, 36.7 ms settling.
011
25 SPS, 62 dB rejection, 40 ms settling.
101
20 SPS, 86 dB rejection, 50 ms settling.
110
16.67 SPS, 92 dB rejection, 60 ms settling.
7
Reserved
This bit is reserved. Set this bit to 0.
0x0
R
[6:5]
ORDERx
These bits control the order of the digital filter that processes the
modulator data for Setup x.
0x0
R/W
00
Sinc5 + sinc1 (default).
11
Sinc3.
[4:0]
ODRx
These bits control the output data rate of the ADC and, therefore, the
settling time and noise for Setup x. Rates shown are for a single-channel
enabled sinc5 + sinc 1 filter. See Table 16 for multiple channels
enabled.
0x0
R/W
00000
125,000 SPS.
00001
125,000 SPS.
00010
62,500 SPS.
00011
62,500 SPS.
00100
31,250 SPS.
00101
25,000 SPS.
00110
15,625 SPS.
00111
10,417 SPS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com