Electronic Components Datasheet Search
  English  ▼

X  

AD4115 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4115
Description  Single-Supply, Multichannel, 125 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4115 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4115 Datasheet HTML 14Page - Analog Devices AD4115 Datasheet HTML 15Page - Analog Devices AD4115 Datasheet HTML 16Page - Analog Devices AD4115 Datasheet HTML 17Page - Analog Devices AD4115 Datasheet HTML 18Page - Analog Devices AD4115 Datasheet HTML 19Page - Analog Devices AD4115 Datasheet HTML 20Page - Analog Devices AD4115 Datasheet HTML 21Page - Analog Devices AD4115 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
AD4115
Data Sheet
Rev. 0 | Page 18 of 51
Setup Configuration
The AD4115 has eight independent setups. Each setup consists
of the following four types of registers:
•
Setup configuration register
•
Filter configuration register
•
Gain register
•
Offset register
For example, Setup 0 consists of Setup Configuration
Register 0, Filter Configuration Register 0, Gain Register 0, and
Offset Register 0. Figure 24 shows the grouping of these
registers. The setup is selectable from the channel registers (see
the Channel Configuration section), which allows each channel
to be assigned to one of the eight separate setups. Table 10 through
Table 13 show the four registers that are associated with Setup 0.
This structure is repeated for Setup 1 to Setup 7.
Setup Configuration Registers
The setup configuration registers allow the user to select
between bipolar mode and unipolar mode to determine the ADC
output coding. The user can also select the reference source using
these registers. Three reference source options are available: a
reference connected between the REF+ and REF− pins, the
internal reference, or using AVDD – AVSS as the reference.
The input and reference buffers can also be enabled or disabled
using these registers.
Filter Configuration Registers
The filter configuration registers select which digital filter is
used at the output of the ADC modulator. Set the bits in these
registers to select the order of the filter and the output data rate.
For more information, see the Digital Filter section.
SETUP CONFIGURATION
REGISTERS
FILTER CONFIGURATION
REGISTERS
OFFSET REGISTERS
GAIN REGISTERS
SELECT PERIPHERAL
FUNCTIONS FOR
ADC CHANNEL
SELECT DIGITAL
FILTER TYPE
AND OUTPUT DATA RATE
INPUT BUFFERS
REFERENCE INPUT BUFFERS
REFERENCE SOURCE
125kSPS TO 2.5SPS
SINC5 + SINC1
SINC3
ENHANCED 50Hz/60Hz
SINC3 MAP
GAIN CORRECTION
OPTIONALLY
PROGRAMMED
PER SETUP AS REQUIRED
OFFSET CORRECTION
OPTIONALLY PROGRAMMED
PER SETUP AS REQUIRED
0x20
0x21
0x22
0x23
0x24
0x25
0x26
0x27
0x28
0x29
0x2A
0x2B
0x2C
0x2D
0x2E
0x2F
0x38
0x39
0x3A
0x3B
0x3C
0x3D
0x3E
0x3F
0x30
0x31
0x32
0x33
0x34
0x35
0x36
0x37
SETUPCON3
SETUPCON5
SETUPCON6
SETUPCON7
SETUPCON4
SETUPCON0
SETUPCON2
SETUPCON1
FILTCON3
FILTCON5
FILTCON6
FILTCON7
FILTCON4
FILTCON0
FILTCON2
FILTCON1
GAIN3
GAIN5
GAIN6
GAIN7
GAIN4
GAIN0
GAIN2
GAIN1
OFFSET3
OFFSET5
OFFSET6
OFFSET7
OFFSET4
OFFSET0
OFFSET2
OFFSET1
Figure 24. ADC Setup Register Grouping
Table 10. Setup Configuration Register 0
Register Name
Bits
Bit 7
Bit 6
Bit 5 Bit 4
Bit 3
Bit 2
Bit 1 Bit 0 Reset
R/W
0x20
SETUPCON0
[15:8]
Reserved
BI_UNIPOLAR0
REFBUF0+
REFBUF0−
INBUF0
0x1000 R/W
[7:0]
Reserved
REF_SEL0
Reserved
Table 11. Filter Configuration Register 0
Register Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x28
FILTCON0
[15:8]
SINC3_MAP0
Reserved
ENHFILTEN0
ENHFILT0
0x0500
R/W
[7:0]
Reserved
ORDER0
ODR0
Table 12. Gain Register 0
Register
Name
Bits
Bits[23:0]
Reset
R/W
0x38
GAIN0
[23:0]
GAIN0
0x5XXXX0
R/W
Table 13. Offset Register 0
Register
Name
Bits
Bits[23:0]
Reset
R/W
0x30
OFFSET0
[23:0]
OFFSET0
0x800000
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com