Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 23 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 23 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 23Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 24Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 25Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 26Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
8.1.2 Total Noise Contribution
The LMP7704-SP have very low input bias current, very low input current noise, and very low input voltage
noise. As a result, these amplifiers are excellent choices for circuits with high impedance sensor applications.
Figure 8-2 shows the typical input noise of the LMP7704-SP as a function of source resistance where:
• en denotes the input referred voltage noise.
• ei is the voltage drop across source resistance due to input referred current noise or ei = RS * in.
• et shows the thermal noise of the source resistance.
• eni shows the total noise on the input, where:
eni =
en +
2
ei +
2
et
2
The input current noise of the LMP7704-SP is so low that this noise does not become the dominant factor in the
total noise unless the source resistance exceeds 300 MΩ, which is an unrealistically high value.
As is evident in Figure 8-2, at lower RS values, total noise is dominated by the amplifier input voltage noise. After
RS is larger than a few kilo-ohms, then the dominant noise factor becomes the thermal noise of RS. As
mentioned previously, the current noise will not be the dominant noise factor for any practical application.
10
1k
100k
10M
RS (:)
0.1
1
10
1000
1M
10k
100
100
eni
en
ei
et
Figure 8-2. Total Input Noise
www.ti.com
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com