Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 17 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 17 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 13Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 14Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 15Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 16Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 17Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 18Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
7.3 Feature Description
7.3.1 Radiation Hardened Performance
Total Ionizing Dose (TID)—The LMP7704-SP is a radiation-hardness-assured (RHA) QML class V (QMLV)
product, and as such it has a total ionizing dose (TID) level specified in the Device Information table on the front
page. Testing and qualification of these products is done on a wafer level according to MIL-STD-883, Test
Method 1019. Radiation lot acceptance testing (RLAT) is performed at the 30-krad, 50-krad, and 100-krad TID
levels.
Group E TID RLAT data are available with lot shipments as part of the QCI summary reports; for information on
finding QCI summary reports, see QML Flow, Its Importance, and Obtaining Lot Information.
Neutron Displacement Damage (NDD)—The LMP7704-SP was irradiated up to 1 × 1012 n/cm2. A sample size
of 15 units was exposed to radiation testing per MILSTD-883, Method 1017 for Neutron Irradiation.
Single-Event Effects (SEE)—One-time SEE characterization was performed according to EIA/JEDEC standard,
EIA/JEDEC57 to linear energy transfer (LET) = 85 MeV
⋅cm2/mg. During testing, no single-event latch-up (SEL)
was observed.
7.3.2 Engineering Model (Devices With /EM Suffix)
Engineering evaluation or engineering model (EM) devices are available for order and are identified by the /EM
in the orderable device name (see the Ordering Information table on the front page of the data sheet). These
devices meet the performance specifications of the data sheet at room temperature only and have not received
the full space production flow or testing. Engineering samples may be QCI rejects that failed tests that would not
impact the performance at room temperature, such as radiation or reliability testing.
7.3.3 Capacitive Load
The LMP7704-SP can each be connected as a non-inverting unity gain follower. This configuration is the most
sensitive to capacitive loading.
The combination of a capacitive load placed on the output of an amplifier along with the amplifier's output
impedance creates a phase lag which in turn reduces the phase margin of the amplifier. If the phase margin is
significantly reduced, the response will be either underdamped or it will oscillate.
To drive heavier capacitive loads, an isolation resistor, RISO, in Figure 7-1 should be used. By using this isolation
resistor, the capacitive load is isolated from the amplifier's output, and hence, the pole caused by CL is no longer
in the feedback loop. The larger the value of RISO, the more stable the output voltage will be. If values of RISO
are sufficiently large, the feedback loop will be stable, independent of the value of CL. However, larger values of
RISO result in reduced output swing and reduced output current drive.
Figure 7-1. Isolating Capacitive Load
www.ti.com
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com