Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 3 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 3 Page - Texas Instruments

  PLMP7704HBH/EM Datasheet HTML 1Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 2Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 3Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 4Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 5Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 6Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 7Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 8Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
5 Pin Configuration and Functions
Figure 5-1. HBH Package, 14-Pin CFP, Top View
Table 5-1. Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
IN A+
3
I
Noninverting input for amplifier A
IN A–
2
I
Inverting input for amplifier A
IN B+
5
I
Noninverting input for amplifier B
IN B–
6
I
Inverting input for amplifier B
IN C+
10
I
Noninverting input for amplifier C
IN C–
9
I
Inverting input for amplifier C
IN D+
12
I
Noninverting input for amplifier D
IN D–
13
I
Inverting input for amplifier D
OUT A
1
O
Output for amplifier A
OUT B
7
O
Output for amplifier B
OUT C
8
O
Output for amplifier C
OUT D
14
O
Output for amplifier D
V+
4
P
Positive supply
V–
11
P
Negative supply
LID
—
—
The metal lid is internally connected to V–
www.ti.com
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com