Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 1 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 1 Page - Texas Instruments

  PLMP7704HBH/EM Datasheet HTML 1Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 2Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 3Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 4Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 5Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 6Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 7Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 8Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO,
Wide Supply Range Amplifiers
1 Features
• QML Class V (QMLV), RHA, SMD 5962-19206
• Radiation performance
– RHA up to TID = 100 krad(Si)
– ELDRS-free up to TID = 100 krad(Si)
– SEL immune to LET = 85 MeV·cm2/mg
– SEE characterized to LET = 85 MeV·cm2/mg
• Ultra-low input bias current: ±200 fA
• Input offset voltage: ±37 µV
• Unity-gain bandwidth: 2.5 MHz
• Supply voltage range: 2.7 V to 12 V
• Rail-to-rail input and output
• Military temperature range: −55°C to +125°C
• Available in 14-lead CFP with industry-standard
quad amp pinout
2 Applications
• Satellite health monitoring and telemetry
• Scientific exploration payload
• Altitude and orbit control system (AOCS)
• Satellite electrical power system (EPS)
• Communications payload
• Radar imaging payload
3 Description
The LMP7704-SP is a precision amplifier with low
input bias, low offset voltage, 2.5-MHz gain bandwidth
product, and a wide supply voltage. The device is
radiation hardened and operates in the military
temperature range of −55°C to +125°C.
The high dc precision of this amplifier, specifically the
low offset voltage of ±37 µV and ultra-low input bias of
±200 fA, make this device an excellent choice for
interfacing with precision sensors with high output
impedances. This amplifier can be configured for
transducer, bridge, strain gauge, and transduce
amplification.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
5962-1920601VXC,
Flight Model (QMLV)
CFP (14)
9.73 mm x 6.47 mm
5962R1920601VXC,
Flight Model (QMLV),
RHA to 100-krad
LMP7704HBH/EM,
Engineering Model(2)
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
These units are intended for engineering evaluation only.
They are processed to a noncompliant flow (that is, no burn-
in, and so forth) and are tested to a temperature rating of
25°C only. These units are not suitable for qualification,
production, radiation testing, or flight use. Parts are not
warranted for performance over the full MIL specified
temperature range of –55°C to +125°C or operating life. For
more information about engineering models, see the Texas
Instruments Engineering Evaluation Units versus
MIL
‑PRF‑38535 QML Class V Processing overview.
+
RS
Z
LOAD
V1
V2
R
R
R
R
V
+
V
+
V
-
V
-
+
-
-
I = (V2 ± V1)
RS
A1
A2
Typical Application Schematic
www.ti.com
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: LMP7704-SP
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - PLMP7704HBH/EM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PLMP7704HBH/EM TI-PLMP7704HBH/EM Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
More results

Similar Description - PLMP7704HBH/EM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMP7704-SP TI-LMP7704-SP_V01 Datasheet
1Mb / 29P
LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
TPS7H2211-SP TI-TPS7H2211-SP Datasheet
1Mb / 41P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
NOVEMBER 2021
TPS7H2211-SP TI-TPS7H2211-SP_V01 Datasheet
1Mb / 42P
TPS7H2211-SP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
MAY 2022
TPS7H2211-SP TI1-TPS7H2211-SP_V02 Datasheet
2Mb / 49P
TPS7H2211-SP and TPS7H2211-SEP Radiation-Hardness-Assured (RHA) 14-V, 3.5-A eFuse
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com