Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 24 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 24 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 23Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 24Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 25Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 26Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 27Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
8.2 Typical Application
+
±
240 k
10 k
+
±
GND
GND
-5 V
5 V
10 M
GND
Vin = ±0.1 V
GND
Vout
Signal Source with
high output impedance
Figure 8-3. LMP7704-SP Configured for 25x Gain With High Signal Source Impedance
8.2.1 Design Requirements
Many precision, analog sensors such as temperature or pressure (bridge) sensors, require a high precision
amplifier with low input bias to condition the signal before the analog-to-digital converter. The LMP7704-SP is an
excellent amplifier choice for a voltage gain stage thanks to its low offset voltage, offset voltage drift and ultra-
low input bias current.
8.2.2 Detailed Design Procedure
Many sensors have high source impedances that may range up to 10 MΩ. The output signal of sensors often
needs to be amplified or otherwise conditioned by means of an amplifier. The input bias current of this amplifier
can load the sensor output and cause a voltage drop across the source resistance, as shown in Figure 8-4,
where VIN+ = VS – IBIAS * RS.
SENSOR
V
+
V
-
RS
+
-
IB
VIN+
VS
+
-
Figure 8-4. Offset Error Due to IBIAS
The last term, IBIAS * RS, shows the voltage drop across RS. To prevent errors introduced to the system due to
this voltage, an op amp with very low input bias current must be used with high impedance sensors. An amplifier
with low input bias also has low input current noise, further improving the accuracy of systems with high source
resistance.
Figure 8-3 shows one channel of the LMP7704-SP configured for a gain of 10. A high source impedance is
placed between the input signal and the noninverting input of the amplifier to represent the output impedance of
the sensor.
With the ultra-low input bias current of the LMP7704-SP, even with a signal source that has high output
impedance the system output maintains very good linearity to the ideal output voltage (that is, the output of an
ideal amplifier in the same configuration) as shown in Figure 8-6.
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com