Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 26 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 26 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 23Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 24Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 25Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 26Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 27Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 28Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 29Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
9 Power Supply Recommendations
For proper operation, the power supplies must be decoupled. For supply decoupling, TI recommends placing
10-nF to 1-µF capacitors as close as possible to the operational-amplifier power supply pins. For single supply
configurations, place a capacitor between the V+ and V– supply pins. For dual supply configurations, place one
capacitor between V+ and ground, and place a second capacitor between V– and ground. Bypass capacitors
must have a low ESR of less than 0.1 Ω.
10 Layout
10.1 Layout Guidelines
Take care to minimize the loop area formed by the bypass capacitor connection between supply pins and
ground. A ground plane underneath the device is recommended; any bypass components to ground should have
a nearby via to the ground plane. The optimum bypass capacitor placement is closest to the corresponding
supply pin. Use of thicker traces from the bypass capacitors to the corresponding supply pins will lower the
power supply inductance and provide a more stable power supply.
The feedback components should be placed as close to the device as possible to minimize stray parasitics.
10.2 Layout Example
+3.3V
+3
.3V
GND
+3.3V
1
+3.3V
2
+3.3V
1
V+
2
V+
3
V+
2
GND
1
VOUT
2
GND
5
+3.3V
+3.3V
+3.3V
VOUT
4
V–
1
GND
GND
1
GND
2
VOUT
2
VOUT
1
V–
1
V–
2
V–
GND
G
N
D
V+
Figure 10-1. LMP7704-SP Example Layout for a Single Channel
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com