Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 22 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 22 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 18Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 23Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 24Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 25Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 31 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
8.1.1 Low Input Voltage Noise
The LMP7704-SP have the very low input voltage noise of 9 nV/√Hz. This input voltage noise can be further
reduced by placing N amplifiers in parallel as shown in Figure 8-1. The total voltage noise on the output of this
circuit is divided by the square root of the number of amplifiers used in this parallel combination. This is because
each individual amplifier acts as an independent noise source, and the average noise of independent sources is
the quadrature sum of the independent sources divided by the number of sources. For N identical amplifiers, this
means:
REDUCED INPUT VOLTAGE NOISE =
en1+en2+
2
2
+enN
2
=
1
N
1
N
Nen
2
=
N
N
en
=
1
en
N
(6)
Figure 8-1 shows a schematic of this input voltage noise reduction circuit. Typical resistor values are:
RG = 10 Ω, RF = 1 kΩ, and RO = 1 kΩ.
V
-
V
+
VOUT
RO
RG
VIN
RF
V
-
V
+
RO
RG
RF
V
-
V
+
RO
RG
RF
V
-
V
+
RO
RG
RF
+
-
+
-
+
-
+
-
Figure 8-1. Noise Reduction Circuit
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com