Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 12 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 12 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 8Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 9Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 10Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 11Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 12Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 13Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 14Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 15Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
6.7 Typical Characteristics (continued)
TA = 25°C, VCM = VS/2, RL > 10 kΩ (unless otherwise noted)
10
1k
1M
FREQUENCY (Hz)
0
40
120
100k
10k
100
100
60
20
80
-PSRR
+PSRR
VS = 10V
VS = 5V
VS = 3V
VS = 10V
VS = 5V
VS = 3V
Figure 6-19. PSRR vs Frequency
2
4
6
8
10
12
0
0.2
0.4
0.6
0.8
1
1.2
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
Figure 6-20. Supply Current vs Supply Voltage (Per Channel)
2
4
6
8
10
12
0
20
40
60
80
100
120
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
Figure 6-21. Sinking Current vs Supply Voltage
2
4
6
8
10
12
0
20
40
60
80
100
120
SUPPLY VOLTAGE (V)
125°C
-40°C
25°C
Figure 6-22. Sourcing Current vs Supply Voltage
0
20
40
60
80
100
0
1
2
(V
+
) -2
(V
+
) -1
V
+
OUTPUT CURRENT (mA)
|
|
VS = 3V, 5V, 10V
TA = -40°C, 25°C, 125C
3V
Figure 6-23. Output Voltage vs Output Current
2
4
6
8
10
12
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
SUPPLY VOLTAGE (V)
FALLING EDGE
RISING EDGE
AV = +1
VIN = 2 VPP
RL = 10 k:
CL = 10 pF
Figure 6-24. Slew Rate vs Supply Voltage
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com