Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 11 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 11 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 7Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 8Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 9Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 10Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 11Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 12Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 13Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 14Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
6.7 Typical Characteristics (continued)
TA = 25°C, VCM = VS/2, RL > 10 kΩ (unless otherwise noted)
0
0.5
1
1.5
2
2.5
3
VCM (V)
-200
-100
0
100
200
VS = 3V
-40°C
25°C
Figure 6-13. Input Bias Current vs VCM
0
1
2
3
VCM (V)
-300
-200
0
200
300
VS = 3V
0.5
1.5
2.5
100
-100
85°C
125°C
Figure 6-14. Input Bias Current vs VCM
0
1
2
3
4
5
-300
-200
-100
0
100
200
300
VCM (V)
VS = 5V
-40°C
25°C
Figure 6-15. Input Bias Current vs VCM
0
1
2
3
VCM (V)
-300
-200
0
200
300
100
-100
85°C
125°C
4
5
VS = 5V
Figure 6-16. Input Bias Current vs VCM
0
2
4
6
8
10
-500
-250
0
250
500
VCM (V)
VS = 10V
-40°C
25°C
Figure 6-17. Input Bias Current vs VCM
0
2
4
6
8
10
-300
-200
-100
0
100
200
300
VCM (V)
VS = 10V
85°C
125°C
Figure 6-18. Input Bias Current vs VCM
www.ti.com
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com