Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 19 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 19 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 15Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 16Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 17Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 18Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
As shown in Equation 2, as values of R1 and R2 are increased, the magnitude of the poles is reduced, which in
turn decreases the bandwidth of the amplifier. Whenever possible, best practice is to choose smaller feedback
resistors. Figure 7-3 shows the effect of the feedback resistor on the bandwidth of the LMP7704-SP.
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
2
VS = 5V
CF = 0 pF
AV = -1
R1 = R2 = 100 k:
R1 = R2 = 30 k:
R1 = R2 = 10 k:
R1 = R2 = 1 k:
Figure 7-3. Closed-Loop Gain vs Frequency
Equation 2 has two poles. In most cases, it is the presence of pairs of poles that causes gain peaking. To
eliminate this effect, the poles should be placed in Butterworth position, because poles in Butterworth position do
not cause gain peaking. To achieve a Butterworth pair, the quantity under the square root in Equation 2 should
be set to equal −1. Using this fact and the relation between R1 and R2, R2 = −AV R1, the optimum value for R1
can be found. This is shown in Equation 3. If R1 is chosen to be larger than this optimum value, gain peaking will
occur.
(1 - AV)
2
2A0AVCIN
<
R1
(3)
www.ti.com
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com