Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 2 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 2 Page - Texas Instruments

  PLMP7704HBH/EM Datasheet HTML 1Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 2Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 3Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 4Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 5Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 6Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 7Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 8Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Revision History.............................................................. 2
5 Pin Configuration and Functions...................................3
6 Specifications.................................................................. 4
6.1 Absolute Maximum Ratings ....................................... 4
6.2 ESD Ratings .............................................................. 4
6.3 Recommended Operating Conditions ........................4
6.4 Thermal Information ...................................................4
6.5 Electrical Characteristics: VS = 5 V ............................ 5
6.6 Electrical Characteristics: VS = 10 V .......................... 7
6.7 Typical Characteristics................................................ 9
7 Detailed Description......................................................16
7.1 Overview................................................................... 16
7.2 Functional Block Diagram......................................... 16
7.3 Feature Description...................................................17
7.4 Device Functional Modes..........................................21
8 Application and Implementation.................................. 22
8.1 Application Information............................................. 22
8.2 Typical Application.................................................... 24
9 Power Supply Recommendations................................26
10 Layout...........................................................................26
10.1 Layout Guidelines................................................... 26
10.2 Layout Example...................................................... 26
11 Device and Documentation Support..........................27
11.1 Receiving Notification of Documentation Updates.. 27
11.2 Support Resources................................................. 27
11.3 Trademarks............................................................. 27
11.4 Electrostatic Discharge Caution.............................. 27
11.5 Glossary.................................................................. 27
12 Mechanical, Packaging, and Orderable
Information.................................................................... 27
4 Revision History
Changes from Revision * (December 2020) to Revision A (January 2021)
Page
• Changed radiation performance Features bullets...............................................................................................1
• Changed pin count from (16) to (14) in Device Information table....................................................................... 1
• Deleted 2 redundant rows from the Pin Functions table.....................................................................................3
• Added superscripts to clarify certain values in Radiation Hardened Performance section...............................17
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
2
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com