Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 20 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 20 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 16Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 17Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 18Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 23Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
In Figure 7-2, CF is added to compensate for input capacitance and to increase stability. Additionally, CF reduces
or eliminates the gain peaking that can be caused by having a larger feedback resistor. Figure 7-4 shows how
CF reduces gain peaking.
1k
10k
100k
1M
10M
FREQUENCY (Hz)
-10
-8
-6
-4
-2
0
2
VS = 5V
R1 = R2 = 100 k:
AV = -1
CF = 5 pF
CF = 3 pF
CF = 1 pF
CF = 0 pF
Figure 7-4. Closed-Loop Gain vs Frequency With Compensation
7.3.5 Diodes Between the Inputs
The LMP7704-SP have a set of anti-parallel diodes between the input pins, as shown in Figure 7-5. These
diodes are present to protect the input stage of the amplifier. At the same time, they limit the amount of
differential input voltage that is allowed on the input pins. A differential signal larger than one diode voltage drop
might damage the diodes. The differential signal between the inputs needs to be limited to ±300 mV or the input
current needs to be limited to ±10 mA.
ESD
R1
IN
+
ESD
D1
D2
R2
ESD
IN
-
ESD
V
+
V
-
V
-
V
+
Figure 7-5. Input of LMP7704-SP
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com