Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 18 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 18 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 14Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 15Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 16Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 17Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 18Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 21Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
7.3.4 Input Capacitance
CMOS input stages inherently have low input bias current and higher input-referred voltage noise. The
LMP7704-SP enhances this performance by having the low input bias current of only ±200 fA, as well as, a very
low input referred voltage noise of 9 nV/√Hz. To achieve these specifications, a larger input stage has been
used. This larger input stage increases the input capacitance of the LMP7704-SP. The typical value of this input
capacitance, CIN, for the LMP7704-SP is 25 pF. The input capacitance interacts with other impedances, such as
gain and feedback resistors, which are seen on the inputs of the amplifier, to form a pole. This pole has little or
no effect on the output of the amplifier at low frequencies and dc conditions, but plays a bigger role as the
frequency increases. At higher frequencies, the presence of this pole decreases phase margin and also causes
gain peaking. To compensate for the input capacitance, care must be taken in choosing the feedback resistors.
In addition to being selective in picking values for the feedback resistor, a capacitor can be added to the
feedback path to increase stability.
The dc gain of the circuit shown in Figure 7-2 is simply –R2/R1.
CIN
R1
R2
VOUT
+
-
+
-
VIN
+
-
VOUT
VIN
R2
R1
AV = -
= -
CF
Figure 7-2. Compensating for Input Capacitance
For the time being, ignore CF. The ac gain of the circuit in Figure 7-2 can be calculated as follows:
-R2/R1
1 +
s
¨
©
§
+
s
2
A0
CIN R2
¨
©
§
VOUT
VIN
(s) =
A0 R1
R1 + R2
(1)
This equation is rearranged to find the location of the two poles:
+
¨
©
§
-1
2CIN
P1,2 =
1
R1
1
R2
r
1
R1
1
R2
+
2
-
4 A0CIN
R2
(2)
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com