Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 16 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 16 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 12Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 13Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 14Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 15Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 16Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 17Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 18Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 19Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 31 page
background image
7 Detailed Description
7.1 Overview
The LMP7704-SP is a radiation-hardened, quad, low offset voltage, rail-to-rail input and output precision
amplifier with a CMOS input stage and wide supply voltage range of 2.7 V to 12 V. The LMP7704-SP has a very
low input bias current of only ±200 fA at room temperature.
The wide supply voltage range of 2.7 V to 12 V over the extensive temperature range of −55°C to +125°C makes
the LMP7704-SP excellent choices for low-voltage precision applications with extensive temperature
requirements.
The LMP7704-SP have only ±37 μV of typical input-referred offset voltage. This minimal offset voltage allows
more accurate signal detection and amplification in precision applications.
The low input bias current of only ±200 fA along with the low input-referred voltage noise of 9 nV/√Hz gives the
LMP7704-SP superiority for use in sensor applications. Lower levels of noise from the LMP7704-SP mean better
signal fidelity and a higher signal-to-noise ratio.
7.2 Functional Block Diagram
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
www.ti.com
16
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com