Electronic Components Datasheet Search
  English  ▼

X  

PLMP7704HBH/EM Datasheet(PDF) 7 Page - Texas Instruments

Part # PLMP7704HBH/EM
Description  LMP7704-SP Radiation Hardness Assured (RHA), Precision, Low Input Bias, RRIO, Wide Supply Range Amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PLMP7704HBH/EM Datasheet(HTML) 7 Page - Texas Instruments

Back Button PLMP7704HBH/EM Datasheet HTML 3Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 4Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 5Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 6Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 7Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 8Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 9Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 10Page - Texas Instruments PLMP7704HBH/EM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
6.6 Electrical Characteristics: VS = 10 V
at TA = +25°C, VS = (V+) – (V–) = 10 V, VCM = VOUT = VS / 2, and RL = 10 kΩ connected to VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
±37
TBD
µV
TA = –55°C to +125°C
TBD
dVOS/dT
Input offset voltage
drift
TA = –55°C to +125°C
±1
±5
µV/°C
PSRR
Power-supply
rejection ratio
2.7 V < VS < 12 V
86
100
dB
TA = –55°C to +125°C
82
dB
INPUT BIAS CURRENT
IB
Input bias current
±0.2
TBD
pA
TA = –55°C to +125°C
TBD
pA
IOS
Input offset current
±40
fA
NOISE
en
Input voltage noise
density
f = 1 kHz
9
nV/√Hz
in
Input current noise
density
f = 100 kHz
1
fA/√Hz
INPUT VOLTAGE
VCM
Common-mode
voltage range
(V–) – 0.2
(V+) + 0.2
V
CMRR
Common-mode
rejection ratio
(V–) < VCM < (V+)
90
130
dB
TA = –55°C to +125°C
86
OPEN-LOOP GAIN
AOL
Open-loop voltage
gain
(V–) + 0.3 V < VOUT < (V+) –
0.3 V,
RL = 2 kΩ
100
121
dB
TA = –55°C to +125°C
94
(V–) + 0.2 V < VOUT < (V+) –
0.2 V,
RL = 10 kΩ
100
134
TA = –55°C to +125°C
97
FREQUENCY RESPONSE
GBW
Gain bandwidth
TBD
2.5
TBD
MHz
SR
Slew rate
G = 1, 9-V step
10% to 90% rising
1.1
V/µs
THD+N
Total harmonic
distortion + noise
G = 1, f = 1 kHz, RL = 10 kΩ
0.02%
www.ti.com
LMP7704-SP
SNOSDB6A – DECEMBER 2020 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMP7704-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com