Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 50 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 46Page - STMicroelectronics VD6640 Datasheet HTML 47Page - STMicroelectronics VD6640 Datasheet HTML 48Page - STMicroelectronics VD6640 Datasheet HTML 49Page - STMicroelectronics VD6640 Datasheet HTML 50Page - STMicroelectronics VD6640 Datasheet HTML 51Page - STMicroelectronics VD6640 Datasheet HTML 52Page - STMicroelectronics VD6640 Datasheet HTML 53Page - STMicroelectronics VD6640 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 126 page
background image
Control interface
VG6640, VD6640
50/126
DocID023597 Rev 11
0x228F
PixelGain
8UI
0x01
RW
[2:0] - Pixel gain:
0x01 = High gain
0x04 = Low gain
[7] - GopReset
0x2290 HI
FrameLengthLines
16UI
0x03
RW
Frame length (lines)
Min = 159
Max = 65536
0x2291 LO
0xFC
0x2292 HI
DarkOffsetMed
16UI
0x00
RW
0x2293 LO
0x00
0x2294 HI
DarkOffsetShort
16UI
0x00
RW
0x2295 LO
0x00
Table 17. User interface set 1 integration and gain registers [0x2287 to 0x2295] (continued)
Index
Byte
Register name
Data
type
Default
Type
Comment
Table 18. User interface set 1 HDR merge registers [0x2296 to 0x22D9]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x2296 HI
WB_DGain_GreenInRed
16UR
0x01
RW
Green (Red row) channel digital gain
value
0x2297 LO
0x00
0x2298 HI
WB_DGain_Red
16UR
0x01
RW
Red channel digital gain value
0x2299 LO
0x00
0x229A HI
WB_DGain_Blue
16UR
0x01
RW
Blue channel digital gain value
0x229B LO
0x00
0x229C HI
WB_DGain_GreenInBlue
16UR
0x01
RW
Green (Blue row) channel digital gain
value
0x229D LO
0x00
0x22A0 HI
HDR_DGain
16UR
0x10
RW
Post HDR digital gain applied on all
color channels
0x22A1 LO
0x00
0x22A2 HI
HDRLM_Startmerge
16UI
0x0F
RW
Long Medium start merge threshold
0x22A3 LO
0xFF
0x22A4 HI
HDRLM_Endmerge
16UI
0x0F
RW
Long Medium end merge threshold
0x22A5 LO
0xFF
0x22A6 HI
HDRLM_Knee1
16UI
0x0F
RW
Knee 1 parameter
Below this value is normalized low
exposure data
0x22A7 LO
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com