Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 100 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 96Page - STMicroelectronics VD6640 Datasheet HTML 97Page - STMicroelectronics VD6640 Datasheet HTML 98Page - STMicroelectronics VD6640 Datasheet HTML 99Page - STMicroelectronics VD6640 Datasheet HTML 100Page - STMicroelectronics VD6640 Datasheet HTML 101Page - STMicroelectronics VD6640 Datasheet HTML 102Page - STMicroelectronics VD6640 Datasheet HTML 103Page - STMicroelectronics VD6640 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 126 page
background image
Application
VG6640, VD6640
100/126
DocID023597 Rev 11
Figure 32. Example ethernet camera application
1. Not required if the companion device contains its own I2C pull-up resistors. Values depend on bus speed
and capacitance See Section 11.5: I2C pull-up resistors
2. Pull-down resistors are required to hold the sensor inputs at the correct state during companion device
reset.
3. It is assumed in this schematic that the companion device contains internal termination resistors for CSI2.
Image sensor
1V8
DN_CL
DGND
AGND
SCL
SDA
External
DP_CL
CSI-2 clock
I2C control lines
VDIG
VANA
DN_DL2
DP_DL2
CSI-2 data lane 2
DN_DL1
DP_DL1
CSI-2 data lane 1
DN_CL
SCL
SDA
DP_CL
DN_DL2
DP_DL2
DN_DL1
DP_DL1
HDR ISP
EXTCLK
XSHUTDOWN
GPIO[C]
Ethernet
or CSI-2
FSYNC_IN
GPIO[A]
EXTCLK_XTAL1
XTAL2
H.264, JPEG,
YUV, etc.
1k
1k
1V8
FSYNC_OUT
VCORE
RESET_N
4k7
EXTCLK_EN
ECC_OUT
GPIO
GPIO[E]
clock
Parallel
I/F
DOUT[11:0]
HSYNC
VSYNC
PIXCLK
12
1V8
GPIO[B]
1k
GPIO[D]
JTAG_TMS
JTAG_TCLK
JTAG_TDI
JTAG_TDO
1V8
Note (1)
Note (3)
Note (2)
VRTSF
2V8
220nF
220nF
220nF
220nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com