Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 85 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 85 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 81Page - STMicroelectronics VD6640 Datasheet HTML 82Page - STMicroelectronics VD6640 Datasheet HTML 83Page - STMicroelectronics VD6640 Datasheet HTML 84Page - STMicroelectronics VD6640 Datasheet HTML 85Page - STMicroelectronics VD6640 Datasheet HTML 86Page - STMicroelectronics VD6640 Datasheet HTML 87Page - STMicroelectronics VD6640 Datasheet HTML 88Page - STMicroelectronics VD6640 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 126 page
background image
DocID023597 Rev 11
85/126
VG6640, VD6640
Test pattern generation
125
8
Test pattern generation
The VG6640 sensor contains a test pattern generator that can inject deterministic test
patterns into the pixel data path. The test patterns are injected independently into the long,
medium and short exposure data paths before they are merged together. Because of this
the test patterns can be used to test the correctness of the entire video system on the
VG6640. However, it also means that the video pipe of the VG6640 must be correctly
configured to give the expected output of the test patterns.
The test pattern generator block can operate in one of three modes, determined by the
TestPatternMode field of the TestPatternControl register
a)
Standard mode. Full frame test pattern determined by the TestPatternSelect field.
b)
Digital ASIL mode. HDR ramp outputted on the digital ASIL lines that immediately
follow the active image lines. This is the default mode for VG6640.
c)
HDR ramp mode. A hdr grey scale ramp is outputted across a programmable
number of lines of the image. Ramp characteristics are determined by the settings
in the “HDRPattern_xxxxxxx” registers.
Note:
Changes to the TestPatternControl register only take affect during a transition from
STANDBY to STREAMING state.
8.1
Standard mode patterns
The selection of the test pattern type is done with the TestPatternSelect field of the
TestPatternControl register. Test patterns available are as follows.
Table 38. Test pattern types
TestPatternSelect
Name
Description
0
None
No test pattern outputted.
1Solid color
Solid color. Programmable value for Bayer
pixels on long, medium and short data paths.
2
100% color bars
Color bar pattern (see Section 8.1.1)
3
Fade to grey color bars
Color bars that fade to grey towards the bottom
of image (see Section 8.1.2).
16
Horizontal grey scale
Horizontal grey scale ramp across the image.
17
Vertical grey scale
Vertical grey scale ramp down the image.
18
Diagonal grey scale
Diagonal grey scale ramp.
19
PN28 pseudo-random
Pseudo-random series of pixel values.
20
Smearing test
Injects a rectangular area of solid color pixels
while passing through normal image pixels for
the rest of the image.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com