Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 82 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 78Page - STMicroelectronics VD6640 Datasheet HTML 79Page - STMicroelectronics VD6640 Datasheet HTML 80Page - STMicroelectronics VD6640 Datasheet HTML 81Page - STMicroelectronics VD6640 Datasheet HTML 82Page - STMicroelectronics VD6640 Datasheet HTML 83Page - STMicroelectronics VD6640 Datasheet HTML 84Page - STMicroelectronics VD6640 Datasheet HTML 85Page - STMicroelectronics VD6640 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 126 page
background image
Video system
VG6640, VD6640
82/126
DocID023597 Rev 11
7.3.3
Digital gain
To compensate for the relatively coarse analog gain steps and differences in integration
times between the short, medium and long frames, the image sensor contains digital
multipliers to increase the granularity of the gain system.
The details of the digital gain implementation are listed below.
One set of white balance digital gain before the merge of the medium- and long
integration frames
One set of digital gain multipliers at the output of the final merge of the short, medium,
and long integration frames.
Each set of digital gain multipliers consists of:
Four individual 16-bit digital channel gains (one per Bayer channel)
digital_gain_greenR
digital_gain_red
digital_gain_blue
digital_gain_greenB
The digital gain range for each channel is 0.000 to 255.9961 in steps of 0.0039 (1/256),
i.e. 8 integer bits and 8 fractional bits
digital_gain_min = 0x0000 (0.000)
digital_gain_max = 0xFFFF (255.9961)
Note:
Text refers only to RGB
7.3.4
Pixel gain
The imaging sensor has a feature whereby the readout pixels can be operated in two
different conversion gain modes. In low-light conditions, a high conversion gain can be used
to improve sensitivity. In high-light conditions, a low conversion gain is selected to improve
signal SNR. The gain modes are set in the pixel_gain register (0x212c). Typically the
highgain / lowgain ratio will be approximately 5.8
0x07
0111
5.0 dB (x1.8)
5.0 dB (x7.2)
0x08
1000
6.0 dB(x2.0)
6.0 dB(x8.0)
0x09
1001
7.2 dB (x2.3)
7.2 dB (x9.2)
0x0A
1010
8.5 dB (x2.7)
8.5 dB (x10.8)
0x0B
1011
10.1 dB (x3.2)
10.1 dB (x12.8)
0x0C
1100
12.0 dB (x4.0)
12.0 dB (x16.0)
0x0D
1011
14.5 dB (x5.3)
14.5 dB (x21.2)
0x0E
1110
18.0 dB (x8.0)
18.0 dB (x32.0)
0x0F
1111
24.0 dB (x16.0)
24.0 dB (x64.0)
Table 37. Analog gain control (continued)
Gain value
Coarse gain code [A3:A0]
Analog gain(L1)
Analog gain(L4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com