Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 58 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 54Page - STMicroelectronics VD6640 Datasheet HTML 55Page - STMicroelectronics VD6640 Datasheet HTML 56Page - STMicroelectronics VD6640 Datasheet HTML 57Page - STMicroelectronics VD6640 Datasheet HTML 58Page - STMicroelectronics VD6640 Datasheet HTML 59Page - STMicroelectronics VD6640 Datasheet HTML 60Page - STMicroelectronics VD6640 Datasheet HTML 61Page - STMicroelectronics VD6640 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 126 page
background image
Control interface
VG6640, VD6640
58/126
DocID023597 Rev 11
4.2.11
Test pattern registers [0x2475 to 0x2481]
4.2.12
Defect map register [0x2483]
Table 24. Test pattern control registers [0x2475 to 0x2481]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x2475
TestPatternControl
8UI
0x01
RW
[6:2] - TestPatternSelect
0 = None
1 = Solid color
2 = 100% color bars
3 = Fade to grey color bars
16 = Horizontal grey scale
17 = Vertical grey scale
18 = Diagonal grey scale
19 = PN28 pseudo random pattern
20 = Smearing test
[1:0] - Test pattern mode
0 = Standard mode
1 = Digital ASIL mode (default)
2 = HDR ramp mode
0x2476 HI
HDRPattern_Y_Start
16UI
0x00
RW
HDR pattern y start position
0x2477 LO
0x00
0x2478 HI
HDRPattern_Y_Size
16UI
0x03
RW
HDR pattern y size
0x2479 LO
0xD6
0x247A HI
HDRPattern_Lx4_Ramp
_Incr
16UR
0x06
RW
HDR pattern Lx4 ramp incr
0x247B LO
0x00
0x247C HI
HDRPattern_Lx1_Ramp
_Incr
16UR
0x03
RW
HDR pattern Lx1 ramp incr
0x247D LO
0x00
0x247E HI
HDRPattern_M_Ramp
_Incr
16UR
0x02
RW
HDR pattern M ramp incr
0x247F LO
0x00
0x2480 HI
HDRPattern_S_Ramp
_Incr
16UR
0x01
RW
HDR pattern S ramp incr
0x2481 LO
0x93
Table 25. Defect map register [0x2483]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x2483
BruceNbCouplets
8UI
0x00
DNW
Contains the number of mapped
defect pixels stored in NVM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com