Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 86 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 82Page - STMicroelectronics VD6640 Datasheet HTML 83Page - STMicroelectronics VD6640 Datasheet HTML 84Page - STMicroelectronics VD6640 Datasheet HTML 85Page - STMicroelectronics VD6640 Datasheet HTML 86Page - STMicroelectronics VD6640 Datasheet HTML 87Page - STMicroelectronics VD6640 Datasheet HTML 88Page - STMicroelectronics VD6640 Datasheet HTML 89Page - STMicroelectronics VD6640 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 126 page
background image
Test pattern generation
VG6640, VD6640
86/126
DocID023597 Rev 11
8.1.1
100% color bars pattern mode
In the ‘100% color bar’ test pattern mode, all pixel data is replaced with a Bayer version of
an 8-bar color bar pattern. In each bar all pixels are either 0% or 100% full scale.
Figure 27. 100% color bars
8.1.2
‘Fade to gray’ color bar mode
In the ‘fade to gray’ color bar test pattern mode, all pixel data is replaced with a color bar that
fades vertically from 100% color bars to mid gray. The ‘fade to gray’ color bar pattern is
designed to exercise more of the color space than 100% bars. Figure 28gives an indication
of the pattern (although the pattern is generated as Bayer data).
Figure 28. Fade to gray’ color bars
The pattern is made up of eight vertical bars that fade vertically from one of the 100% color
bar colors towards a mid-gray at the bottom. The bars follow the same order as standard
color bars. Each of the bars is sub-divided vertically into a left hand side that contains a
smooth gradient and a right hand side that contains a quantized version.
The aim of the quantized portion is to offer areas of flat-field Bayer data that should be large
enough to result in known data values even after demosiac (independently of the demosiac
algorithm). To ensure maximum dynamic range in the quantized data, the LSBs of the
quantized data are generated by copying the MSBs of the unquantized data (rather than
forcing them to 0). The pattern repeats after 256 lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com