Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 29 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 25Page - STMicroelectronics VD6640 Datasheet HTML 26Page - STMicroelectronics VD6640 Datasheet HTML 27Page - STMicroelectronics VD6640 Datasheet HTML 28Page - STMicroelectronics VD6640 Datasheet HTML 29Page - STMicroelectronics VD6640 Datasheet HTML 30Page - STMicroelectronics VD6640 Datasheet HTML 31Page - STMicroelectronics VD6640 Datasheet HTML 32Page - STMicroelectronics VD6640 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 126 page
background image
DocID023597 Rev 11
29/126
VG6640, VD6640
Control interface
125
The interface also supports auto-increment indexing. After the first data byte has been
transferred, the index is automatically incremented by 1. The master can therefore send
data bytes continuously to the slave until the slave fails to provide an acknowledge or the
master terminates the write communication with a stop condition. If the auto-increment
feature is used the master does not have to send address indexes to accompany the data
bytes.
Figure 13. Data format (sequential write)
Figure 14. Data format (sequential read)
Further details of the control interface protocol can be found in the MIPI Alliance Standard
for Camera Serial Interface 2 (CSI-2).
S
Ac
ADDRESS[7:0]
Ac
INDEX[15:8]
INDEX[7:0]
Ac
0x20 (write)
P
Ac
DATA[7:0]
Ac
DATA[7:0]
Ac
DATA[7:0]
S
Ac
ADDRESS[7:0]
Ac
INDEX[15:8]
INDEX[7:0]
Ac P
0x20 (write)
S
Ac
ADDRESS[7:0]
Am
DATA[7:0]
P
0x21 (read)
Am
DATA[7:0]
Am
DATA[7:0]
Am
DATA[7:0]
Am
DATA[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More