Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 30Page - STMicroelectronics VD6640 Datasheet HTML 31Page - STMicroelectronics VD6640 Datasheet HTML 32Page - STMicroelectronics VD6640 Datasheet HTML 33Page - STMicroelectronics VD6640 Datasheet HTML 34Page - STMicroelectronics VD6640 Datasheet HTML 35Page - STMicroelectronics VD6640 Datasheet HTML 36Page - STMicroelectronics VD6640 Datasheet HTML 37Page - STMicroelectronics VD6640 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 126 page
background image
Control interface
VG6640, VD6640
34/126
DocID023597 Rev 11
4.2.3
Setup registers [0x0100 to 0x0114]
Table 8. Setup registers [0x0100 to 0x0114]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x0100
Mode_Select
8UI
0x00
RW
[7] - External sync mode:
0x0 - Master mode
0x1 - Slave mode
[6] - Slave mode type:
0x0 - External pin slave mode
0x1 - I2C command slave mode
[0] - Mode select:
0x00 = Standby
0x01 = Streaming
0x0101
Image_Orientation
8UI
0x00
RW
[7:2] - Reserved
[1:0] - Image orientation:
0x0 = Normal
0x1 = Flip in X
0x2 = Flip in Y
0x3 = Flip in X and flip in Y
0x0103
Software_Reset
8UI
0x00
RW
Software reset returns the sensor to
its power-on defaults
0x00 = Normal operation
0x01 = Software reset enabled
The value of this register is
automatically reset to 0x00
0x0104
Grouped_Parameter_Hold
8UI
0x00
RW
The grouped parameter hold register
disables the consumption of
integration, gain and video timing
parameters
0x00 = Consume values as normal
0x01 = Do not consume values
0x0111
Signalling_Mode
8UI
0x02
RW
Determines which transmission
signalling mode is to be used
0x02 = CSI2 output only
0x80 = Parallel/ITU output only
0x82 = CSI2 and parallel/ITU output
together



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com