Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 10 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 6Page - STMicroelectronics VD6640 Datasheet HTML 7Page - STMicroelectronics VD6640 Datasheet HTML 8Page - STMicroelectronics VD6640 Datasheet HTML 9Page - STMicroelectronics VD6640 Datasheet HTML 10Page - STMicroelectronics VD6640 Datasheet HTML 11Page - STMicroelectronics VD6640 Datasheet HTML 12Page - STMicroelectronics VD6640 Datasheet HTML 13Page - STMicroelectronics VD6640 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 126 page
background image
Overview
VG6640, VD6640
10/126
DocID023597 Rev 11
1.1
Interfaces
The image sensor is ready to connect to the camera enabled companion device. Image data
is output from the image sensor over a 12-bit parallel interface or a dual lane MIPI CSI-2
serial interface. Before transmission, the image data is compressed from 22-bit to 12-bit
using a compression algorithm that causes no perceptible losses.
The 12-bit parallel interface is capable of 66 Mpixel/s.
The dual lane MIPI CSI-2 serial data interface is capable of 2 x 550 Mbit/s and is the
industry standard for low EMI and excellent EMC.
The control interface is I2C in either Fast (up to 400KHz) or Fast+ (up to 1MHz) modes.
1.2
Power supplies
Power supplies required:
2.8 V for the analog blocks
1.8 V for the digital I/Os
1.2 V for the digital core
The internal digital core operates from 1.2V. This may optionally be supplied from an
external regulator or generated internally from the 1.8V supply by a low drop out regulator
included in the image sensor.
1.3
Clock and PLL
An input clock is required which can be supplied as an external clock in the range of 12 MHz
to 50 MHz or as an external quartz crystal of 12 MHz to 27 MHz.
The image sensor has an embedded phased locked loop (PLL) block to generate all
necessary internal clocks. The PLL can be configured to run at a fixed frequency or with a
spread spectrum of up to 30 kHz modulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com