Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 61 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 57Page - STMicroelectronics VD6640 Datasheet HTML 58Page - STMicroelectronics VD6640 Datasheet HTML 59Page - STMicroelectronics VD6640 Datasheet HTML 60Page - STMicroelectronics VD6640 Datasheet HTML 61Page - STMicroelectronics VD6640 Datasheet HTML 62Page - STMicroelectronics VD6640 Datasheet HTML 63Page - STMicroelectronics VD6640 Datasheet HTML 64Page - STMicroelectronics VD6640 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 126 page
background image
DocID023597 Rev 11
61/126
VG6640, VD6640
Control interface
125
4.2.14
Output interface control registers [0x249B - 0x24A3]
Table 27. Output interface control registers [0x249B - 0x24A3]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x249B
SlcTrailerControl
8UI
0x00
RW
[1:0] - Stat source:
0 = Short expo pipe
1 = Medium expo pipe
2 = Longx1 expo pipe
3 = Longx4 expo pipe
0x249C
SmiaOutIF_Control
8UI
0x01
RW
[2] - CSI2 DataClip enable:
0 = Data unclipped
1 = Data clipped to 16 min
[1] - CSI2 ULPS mode enable:
0 = ULPS disabled
1 = ULPS enable
[0] - UIx4AutoEnable:
0 = Manual UIx4 value control
1 = Automatic UIx4 value control
0x24A2
ParOutIF_Drive
8UI
0x02
RW
[1:0] - PinDriveStrength:
1 = All signals low drive strength
except PIXCLK and GPIO.
2 = All signals normal drive strength
0x24A3
ParOutIF_Control
8UI
0x04
RW
[7] - SyncCodeProtect:
0 = Raw data
1 = Data sync code protected
[6] - InvertPixelClock:
1 = Invert pixel clock
[5] - InterframeClockGating:
0 = Interframe clock gated
[4] - InterlineClockGating
0 = Interline clock gated
[3] - BlankLineClockGating
0 = Blank line clock gated
[2] - GatingControl:
0 = Gating control enabled
1 = Free running clock (default)
[1] - VSyncPolarity:
1 = VSync active low
[0] - HSyncPolarity
1 = HSync active low
NOTE - use of some clock gating
combinations may mean the PIXCLK
is not active during the period the
HSYNC and VSYNC signals are
valid.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com