Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 25 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 21Page - STMicroelectronics VD6640 Datasheet HTML 22Page - STMicroelectronics VD6640 Datasheet HTML 23Page - STMicroelectronics VD6640 Datasheet HTML 24Page - STMicroelectronics VD6640 Datasheet HTML 25Page - STMicroelectronics VD6640 Datasheet HTML 26Page - STMicroelectronics VD6640 Datasheet HTML 27Page - STMicroelectronics VD6640 Datasheet HTML 28Page - STMicroelectronics VD6640 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
DocID023597 Rev 11
25/126
VG6640, VD6640
Functional description
125
3.2.7
ASIL lines
ASIL data lines follow the trailer data lines in the frame format. They including analog and
digital test data that allows comprehensive system monitoring and fault detection.
3.3
Device operating modes
The mode changes in the image sensor are shown in Figure 8.
Figure 8. System state diagram
3.3.1
Power off state
Power supplies are off.
3.3.2
Reset state
All blocks are powered and in a state of reset. I2C communications are not supported in this
mode. All registers are returned to their default values. EXTCLK should be provided to the
sensor in this mode.
POWER OFF
Power supplies
OFF
STANDBY
STREAMING
RESET_N LOW
I2C
Power supplies
OFF
RESET_N
LOW
RESET_N HI
Power supplies ON
RESET_N LOW
Power supplies
OFF
I2C
RESET
EXTCLK running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com