Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 56 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 56 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 52Page - STMicroelectronics VD6640 Datasheet HTML 53Page - STMicroelectronics VD6640 Datasheet HTML 54Page - STMicroelectronics VD6640 Datasheet HTML 55Page - STMicroelectronics VD6640 Datasheet HTML 56Page - STMicroelectronics VD6640 Datasheet HTML 57Page - STMicroelectronics VD6640 Datasheet HTML 58Page - STMicroelectronics VD6640 Datasheet HTML 59Page - STMicroelectronics VD6640 Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 126 page
background image
Control interface
VG6640, VD6640
56/126
DocID023597 Rev 11
4.2.9
Temperature sensor registers [0x2429 to 0x242D]
4.2.10
Dark cal control registers [0x244D - 0x2470]
Table 22. Temperature sensor registers [0x2429 to 0x242D]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x2429
TempSensorStatus
8UI
0x00
DNW
[3] - TempSensorTopOverflow:
1 = Overflow
[2]- TempSensorBottomOverflow:
1 =Overflow
[1:0] - Calibration:
0 = No calibration
1 = Single point calibration
2 =Dual point calibration
3 = Cal error
0x242C
TempSensorTop
8SI
0x00
DNW Current temperature from sensor top
0x242D
TempSensorBottom
8SI
0x00
DNW
Current temperature from sensor
bottom
Table 23. Darkcal control register [0x244D - 0x2470]
Index
Byte
Register name
Data
type
Default
Type
Comment
0x244D HI
DarkCal_DarkOffset
Longx4
16UI
0x00
RW
Dark Offset added to the data on
Longx4 (Longx1 pipe will get
wDarkOffsetLongx1 >> 2). This
register is consumed at the start of
stream
0x244E LO
0x00
0x244F HI
DarkCal_DarkOffset
ChannelComp
16UI
0x00
RW
[15:14] - Short_darkcompGiB
[13:12] - Short_darkcompBlu
[11:10] - Short_darkcompRed
[9:8] - Short_darkcompGiR
[7:6] - Med_darkcompGiB
[5:4] - Med_darkcompBlu
[3:2] - Med_darkcompRed
[1:0] - Med_darkcompGiR
0x2450 LO
0x00
0x2451 HI
DarkAvg_Longx4
_GreenInRed
16UI
0x00
RW
Average dark level
0x2452 LO
0x00
0x2453 HI
DarkAvg_Longx4_Red
16UI
0x00
RW
Average dark level
0x2454 LO
0x00
0x2455 HI
DarkAvg_Longx4_Blue
16UI
0x00
RW
Average dark level
0x2456 LO
0x00
0x2457 HI
DarkAvg_longx4
_GreenInBlue
16UI
0x00
RW
Average dark level
0x2458 LO
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com