Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 68 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 64Page - STMicroelectronics VD6640 Datasheet HTML 65Page - STMicroelectronics VD6640 Datasheet HTML 66Page - STMicroelectronics VD6640 Datasheet HTML 67Page - STMicroelectronics VD6640 Datasheet HTML 68Page - STMicroelectronics VD6640 Datasheet HTML 69Page - STMicroelectronics VD6640 Datasheet HTML 70Page - STMicroelectronics VD6640 Datasheet HTML 71Page - STMicroelectronics VD6640 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 126 page
background image
Video data interface
VG6640, VD6640
68/126
DocID023597 Rev 11
Visible pixel lines
The visible pixels contain valid image data. The image sensor only supports the RAW12
data format which is a 12-bit depth raw Bayer format.
ASIL data lines
There are always 4 ASIL data lines immediately following the visible pixel lines.
Embedded data lines
The embedded data lines provide a mechanism to embed non-image data such as sensor
configuration details and image statistics values within a frame of CSI-2 data.
There are always 2 leading data lines and 6 trailing data lines transmitted with each image
frame.
Inter-line blanking
During inter-line blanking the CSI-2 interface remains in the low power (LP) state. (There is
no concept of line blanking being transmitted, the interface simply spends longer in the LP
state between active line data.)
Inter-frame padding/frame blanking
During inter-frame blanking the CSI-2 interface remains in the low power (LP) state. (There
is no concept of frame blanking being transmitted, the interface simply spends longer in the
LP state between active frame data.)
5.2
Parallel ITU data link
Image data may be transferred to the companion device through a 12-bit parallel ITU
interface. The parallel ITU interface is capable of transmitting at up to 792 Mbit/s (66 MHz).
Full resolution images (in 22:12-bit compressed format) may be transferred at up to 45 fps
and 720p resolution images at up to 60 fps.
5.2.1
Features
Physical layer
The physical layer (D-PHY) of the parallel interface is via open-ended signal lines and
therefore care should be taken to minimize their length, EMI and crosstalk. Data is
transmitted over 12 signal lines and clocked by a pixel clock (PIX-CLK). The parallel
interface will remain in a high impedance state if deselected.
Embedded data lines
The embedded data lines provide a mechanism to embed non-image data such as sensor
configuration details and image statistics values within a frame of ITU data.
There are always 2 leading data lines and 10 trailing data lines transmitted with each image
frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com