Electronic Components Datasheet Search
  English  ▼

X  

VD6640 Datasheet(PDF) 15 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 11Page - STMicroelectronics VD6640 Datasheet HTML 12Page - STMicroelectronics VD6640 Datasheet HTML 13Page - STMicroelectronics VD6640 Datasheet HTML 14Page - STMicroelectronics VD6640 Datasheet HTML 15Page - STMicroelectronics VD6640 Datasheet HTML 16Page - STMicroelectronics VD6640 Datasheet HTML 17Page - STMicroelectronics VD6640 Datasheet HTML 18Page - STMicroelectronics VD6640 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 126 page
background image
DocID023597 Rev 11
15/126
VG6640, VD6640
Signal, ball assignment, pad, and wafer description
125
SCL
I
I2C-style clock
VDIG
FSYNC_IN
I-PD5
Frame synchronization input (rising edge)
LO
VDIG
FSYNC_OUT
O
Frame synchronization output (start of integration on
rising edge)
LO
VDIG
ECC_OUT
O
Flags uncorrectable (double bit) ECC occurrences
LO
VDIG
GPIO
I/O
General purpose input or output / Flicker Indication
LO
VDIG
Test interface
JTAG_TMS
I-PD5
Test mode (connect to GND when not in use)
LO
VDIG
JTAG_TCK
I-PD5
Test clock (connect to VDIG when not in use)
LO
VDIG
JTAG_TDI
I-PD5
Test data in (connect to GND when not in use)
LO
VDIG
JTAG_TDO
O
Test data out
LO
VDIG
Other pins
NC
Leave unconnected
N/A
1. I = Input, O = Output, I/O = Input or output, I-PD5 -= Input with 5K pull-down, I-SCH = Input with Schmitt trigger, I-Sh-PU20
= Input Schmitt with 20k pull-up, REF = Reference, PWR = Power supply or ground
2. LO = Digital low level, HI = Digital high level, HI_Z = High impedance state
Table 4. Signal description with Im2BGA 100 balls (continued)
Pin name
Type(1)
Description
Reset
state(2)
Reference
supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com