| Electronic Components Datasheet Search |
|
VD6640 Datasheet(PDF) 79 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VD6640 Datasheet(HTML) 79 Page - STMicroelectronics |
|
79 / 126 page ![]() DocID023597 Rev 11 79/126 VG6640, VD6640 Video system 125 7.3 Exposure and gain control The image sensor does not contain any form of automatic exposure control. To produce a correctly exposed image the integration periods, analog gain and digital gain for the pixels must be calculated by an exposure control algorithm implemented externally. The parameters are then written to the image sensor using the control interface. The exposure control parameters available on the image sensor are: • long integration time • medium integration time • short integration time • analog gain • digital gain 7.3.1 Coarse integration time The integration time is the amount of time between a row of pixels being reset and when this row is read. The longer the time then the more light that is captured.This sensor supports only Coarse Integration in which the Integration period is measured in integer line times which is derived from the pixel clock. The sensor provides HDR output by integrating each pixel three times per frame and then merging the data. These exposures comprise a long, medium and short integration time. At the end of the long integration time, the long information is read in a given row, then stored in memory. The read out pixel row is reset, then the medium integration time starts in that row. After the end of the medium integration time, the medium information is read and then also stored in memory. The read out pixel row is then reset again, the short integration time then starts. Finally, the short information is read out of the pixel array. The three data values are then digitally merged within the sensor to give a single output frame. Figure 23 shows an example of applying a long integration of 600 lines, followed by a medium integration of 96 lines, then a short integration of 13 lines. This diagram shows the point at which pixels are reset, before starting integration, the integration period, then read out. There is a latency between integration starting for the long exposure and the data being output by the device. This latency is dependent on the integration times, fixed offsets and the delay through ISP processing. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |