Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 1 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 1 Page - Analog Devices

  AD4682 Datasheet HTML 1Page - Analog Devices AD4682 Datasheet HTML 2Page - Analog Devices AD4682 Datasheet HTML 3Page - Analog Devices AD4682 Datasheet HTML 4Page - Analog Devices AD4682 Datasheet HTML 5Page - Analog Devices AD4682 Datasheet HTML 6Page - Analog Devices AD4682 Datasheet HTML 7Page - Analog Devices AD4682 Datasheet HTML 8Page - Analog Devices AD4682 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Pseudo Differential Input, 1 MSPS/500 kSPS,
Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
Data Sheet
AD4682/AD4683
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Dual 16-bit ADC family
Dual simultaneous sampling
Pseudo differential analog inputs
Throughput conversion rate
1 MSPS for the AD4682
500 kSPS for the AD4683
SNR (typical)
87.5 dB, VREF = 3.3 V external
93.4 dB with RES = 1 and OSR = ×8
On-chip oversampling function
Alert function
Resolution boost function
INL error (maximum): 2.5 LSBs
2.5 V internal reference
High speed serial interface
−40°C to +125°C operation
3 mm × 3 mm, 16-lead LFCSP
APPLICATIONS
Motor control position feedback
Motor control current sense
Sonar
Power quality
Data acquisition systems
Erbium doped fiber amplifier (EDFA) applications
Inphase (I) and quadrature (Q) demodulation
GENERAL DESCRIPTION
The AD4682 and the AD4683 are a 16-bit, pin-compatible family
of dual, simultaneous sampling, high speed, low power, successive
approximation register (SAR), analog-to-digital converters (ADCs)
that operate from a 3.0 V to 3.6 V power supply and feature
throughput rates up to 1 MSPS for the AD4682 and 500 kSPS
for the AD4683. The analog input type is pseudo differential
and is sampled and converted on the falling edge of CS.
Integrated on-chip oversampling blocks improve dynamic range
and reduce noise at lower bandwidths. A buffered internal 2.5 V
reference is included. Alternatively, an external reference up to
3.3 V can be used.
The conversion process and data acquisition use standard control
inputs that allow simple interfacing to microprocessors or digital
signal processors (DSPs). The devices are compatible with
1.8 V, 2.5 V, and 3.3 V interfaces, using a separate logic supply.
COMPANION PARTS
ADC Drivers: ADA4896-2, ADA4940-2, ADA4807-2, LTC6227
Voltage References: ADR4533 (3.3 V), ADR4525 (2.5 V)
Low Dropout Regulators: ADP166, ADP7104, ADP7182
Additional companion products on the AD4682 and AD4683
product pages
Table 1. Related Devices in the Family
Input Type
16-Bit
14-Bit
12-Bit
Differential
AD7380
AD7381
Pseudo Differential
AD7383
AD7384
Single-Ended
AD7386
AD7387
AD7388
FUNCTIONAL BLOCK DIAGRAM
ADC A
AINA+
SDOA
DIGITAL
CONTROLLER
AD4682/AD4683
SCLK
1µF
3.3V
1µF
3.3V
GND
VCC
VLOGIC
SDI
CS
SDOB/ALERT
AINA–
AINB+
AINB–
REFIO
REFCAP
GND
REGCAP
OVER-
SAMPLING
ADC B
OVER-
SAMPLING
OSC
REF
LDO
CONTROL
LOGIC
R
VREF
0V
VREF/2
VREF/2
C1
C1
VREF
0V
(
AINB+)
(
AINA+)
R
Figure 1.


Similar Part No. - AD4682

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
AD4680 AD-AD4680 Datasheet
665Kb / 31P
Differential Input, Quad, External Reference Simultaneous Sampling, 16-Bit, SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
611Kb / 31P
Differential Input, Quad, Internal Reference Simultaneous Sampling, 16-Bit SAR ADC
1/2022-Revision 0
AD4680 AD-AD4680 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results

Similar Description - AD4682

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7915 AD-AD7915 Datasheet
561Kb / 26P
16-Bit, 1 MSPS/500 kSPS Differential PulSAR ADCs
REV. 0
AD7380 AD-AD7380 Datasheet
699Kb / 31P
Dual, Simultaneous Sampling SAR ADCs, Differential Inputs
1/2019-Revision 0
AD4022 AD-AD4022 Datasheet
1Mb / 39P
20-Bit, 1.8 MSPS/1 MSPS/500 kSPS, Easy Drive, Differential SAR ADCs
11/2019-Rev. A to Rev. B
AD4680 AD-AD4680 Datasheet
427Kb / 29P
Differential Inputs, 1 MSPS/500 kSPS, Dual Simultaneous Sampling SAR ADCs
10/2020-Revision 0
logo
Microchip Technology
MCP33131D MICROCHIP-MCP33131D Datasheet
3Mb / 59P
1 Msps/500 kSPS 16/14/12-Bit Differential Input SAR ADC
08/15/18
logo
Analog Devices
AD4684 AD-AD4684 Datasheet
1Mb / 32P
1 MSPS/500 kSPS, 4-Channel, 16-Bit Dual, Simultaneous Sampling SAR ADCs
Rev. 0
AD4630-16 AD-AD4630-16_V01 Datasheet
1Mb / 51P
16-Bit, 2 MSPS/500 kSPS, Dual Channel SAR ADCs
Rev. A
AD7383-4 AD-AD7383-4 Datasheet
1Mb / 33P
Pseudo Differential Input, Quad, 4 MSPS Simultaneous Sampling, 16-Bit/14-Bit, SAR ADC
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com