Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 18 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD4682 Datasheet HTML 14Page - Analog Devices AD4682 Datasheet HTML 15Page - Analog Devices AD4682 Datasheet HTML 16Page - Analog Devices AD4682 Datasheet HTML 17Page - Analog Devices AD4682 Datasheet HTML 18Page - Analog Devices AD4682 Datasheet HTML 19Page - Analog Devices AD4682 Datasheet HTML 20Page - Analog Devices AD4682 Datasheet HTML 21Page - Analog Devices AD4682 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
AD4682/AD4683
Data Sheet
Rev. 0 | Page 18 of 30
MODES OF OPERATION
The AD4682 and the AD4683 have several on-chip configuration
registers for controlling the operational mode of the device.
Multifunction pin names may be referenced by their relevant
function only.
OVERSAMPLING
Oversampling is a common method used in analog electronics
to improve the accuracy of the ADC result. Multiple samples of
the analog input are captured and averaged to reduce the noise
component from the quantization noise and the thermal noise
(kTC) of the ADC. The AD4682 and the AD4683 offer an
oversampling function on chip, rolling average oversampling.
The rolling average oversampling functionality is enabled by
writing a 1 on the OS_MODE bit, Bit 9, and a valid nonzero
value on the OSR bits, Bits[8:6], in the CONFIGURATION1
register. Oversampling is disabled by writing a 0 on the
OS_MODE bit, Bit 9, and a zero value on the OSR bits, Bits[8:6], of
the CONFIGURATION1 register.
Rolling Average Oversampling
Rolling average oversampling mode can be used in applications
where higher output data rates are required and where higher
SNR or dynamic range is required. Rolling average oversampling
involves taking a number of samples, adding the samples
together, and dividing the result by the number of samples
taken. This result is then output from the AD4682 or the
AD4683. The sample data is not cleared after the process
completes. The rolling average oversampling mode uses a first
in, first out (FIFO) buffer of the most recent samples in the
averaging calculation, allowing the ADC throughput rate and
output data rate to stay the same.
Rolling average oversampling mode is enabled by setting the
OS_MODE bit to Logic 1 and having a valid nonzero value in
the OSR bits. The oversampling ratio of the digital filter is
controlled using the oversampling bits, OSR (see Table 10). The
output result is decimated to 16-bit resolution for the AD4682 and
the AD4683. If additional resolution is required, configure the
resolution boost bit in the CONFIGURATION1 register. See
the Resolution Boost section for further details.
In rolling average oversampling mode, all ADC conversions are
controlled and initiated by the falling edge of CS. After a
conversion is complete, the result is loaded into the FIFO. The
FIFO length is 8, regardless of the oversampling ratio set. The
FIFO is filled on the first conversion after a power-on reset, the
first conversion after a software controlled hard or soft reset, or
the first conversion after the REFSEL bit is toggled. A new
conversion result is shifted into the FIFO on completion of
every ADC conversion, regardless of the status of the OSR bits
and the OS_MODE bit. This conversion allows a seamless
transition from no oversampling to rolling average oversampling
or different rolling average oversampling ratios without waiting
for the FIFO to fill.
The number of samples, n, defined by the OSR bits are taken
from the FIFO, added together, and the result is divided by n.
The time between CS falling edges is the cycle time, which can
be controlled by the user, depending on the required data
output rate.
RESOLUTION BOOST
The default conversion result output data size for the AD4682 and
the AD4683 is 16 bits. When the on-chip oversampling function is
enabled, the performance of the ADC can exceed the 16-bit level.
To accommodate the performance boost achievable, it is possible
to enable an additional two bits of resolution. If the RES bit in
the CONFIGURATION1 register is set to Logic 1, and the
AD4682 and the AD4683 are in a valid oversampling mode, the
conversion result size for the AD4682 and the AD4683 is 18 bits.
In this mode, 18 SCLKs are required to propagate the data.
Table 10. AD4682 Rolling Average Oversampling Performance Overview
OSR, Bits[8:6]
Oversampling Ratio
SNR (dB Typical)
Output Data Rate (kSPS Maximum)
VREF = 2.5 V
VREF = 3.3 V
RES = 0
RES = 1
RES = 0
RES = 1
000
Disabled
85.7
85.7
87.3
87.3
1000
001
2
87.6
87.9
88.8
89.3
1000
010
4
90.1
90.9
91.3
92.4
1000
011
8
92.6
94.0
93.4
95.4
1000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com