Electronic Components Datasheet Search
  English  ▼

X  

AD4682 Datasheet(PDF) 12 Page - Analog Devices

Part # AD4682
Description  Pseudo Differential Input, 1 MSPS/500 kSPS, Dual, Simultaneous Sampling, 16-Bit, SAR ADCs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD4682 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD4682 Datasheet HTML 8Page - Analog Devices AD4682 Datasheet HTML 9Page - Analog Devices AD4682 Datasheet HTML 10Page - Analog Devices AD4682 Datasheet HTML 11Page - Analog Devices AD4682 Datasheet HTML 12Page - Analog Devices AD4682 Datasheet HTML 13Page - Analog Devices AD4682 Datasheet HTML 14Page - Analog Devices AD4682 Datasheet HTML 15Page - Analog Devices AD4682 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
AD4682/AD4683
Data Sheet
Rev. 0 | Page 12 of 30
0
200
400
600
800
1000
THROUGHPUT RATE (kSPS)
IVCC
IVLOGIC
fIN = 1kHz SINE WAVE
Figure 25. Dynamic Current vs. Throughput Rate
0
2
4
6
8
10
12
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
IVCC
IVLOGIC
fIN = 1kHz SINEWAVE
Figure 26. Dynamic Current vs. Temperature
0
10
20
30
40
50
60
70
80
90
100
110
0.0001
0.001
0.01
0.1
1
RIPPLE FREQUENCY (MHz)
Figure 27. Power Supply Rejection Ratio (PSRR) vs. Ripple Frequency
0
50
100
150
200
250
300
350
400
450
500
–40
–25
–10
5
20
35
50
65
80
95
110
125
TEMPERATURE (°C)
Figure 28. IVCC Shutdown Current vs. Temperature
79
81
83
85
87
89
91
93
95
97
99
0
2
4
8
OVERSAMPLING RATIO
EXTERNAL REFERENCE = 3.3V, RES = 1, OS_MODE = 1
INTERNAL REFERENCE = 2.5V, RES = 1, OS_MODE = 1
EXTERNAL REFERENCE = 3.3V, RES = 1, OS_MODE = 1
INTERNAL REFERENCE = 2.5V, RES = 1, OS_MODE = 1
Figure 29. AD4682 SNR vs. Oversampling Ratio, Rolling Average Oversampling
78
80
82
84
86
88
90
92
94
96
98
0
2
4
8
OVERSAMPLING RATIO (OSR)
EXTERNAL REFERENCE = 3.3V, RES = 0
EXTERNAL REFERENCE = 3.3V, RES = 1
INTERNAL REFERENCE = 2.5V, RES = 0
INTERNAL REFERENCE = 2.5V, RES = 1
Figure 30. AD4683 SNR vs. Oversampling Ratio, Rolling Average Oversampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com